Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0672 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 94Page - STMicroelectronics STV0672 Datasheet HTML 95Page - STMicroelectronics STV0672 Datasheet HTML 96Page - STMicroelectronics STV0672 Datasheet HTML 97Page - STMicroelectronics STV0672 Datasheet HTML 98Page - STMicroelectronics STV0672 Datasheet HTML 99Page - STMicroelectronics STV0672 Datasheet HTML 100Page - STMicroelectronics STV0672 Datasheet HTML 101Page - STMicroelectronics STV0672 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 105 page
background image
VV5410 & VV6410
Pinout and pin descriptions
cd5410-6410f-3-0.fm
Commercial in confidence
98/105
14. Pinout and pin descriptions
14.1 36pin CLCC Pinout Map
Figure 55 : 36 pin CLCC package pin assignment
Name
Pin Number
Type
Description
POWER SUPPLIES
AVSS
10
GND
Core analog ground and reference supplies.
LST/D[5]
FST/D[6]
VDDhi
CLKI
7
8
6
5
4
3
2
1
9
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
32
33
34
35
36
D[3]
D[4]
AoutN
AVSS
18
30
31
Vbltw
D[1]
Vid3V3
D[2]
QCK
SDA
SUSPEND
D[7]
Vbloom
PORB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com