Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0672 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 61Page - STMicroelectronics STV0672 Datasheet HTML 62Page - STMicroelectronics STV0672 Datasheet HTML 63Page - STMicroelectronics STV0672 Datasheet HTML 64Page - STMicroelectronics STV0672 Datasheet HTML 65Page - STMicroelectronics STV0672 Datasheet HTML 66Page - STMicroelectronics STV0672 Datasheet HTML 67Page - STMicroelectronics STV0672 Datasheet HTML 68Page - STMicroelectronics STV0672 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
65/105
cd5410-6410f-3-0.fm
[3-4],
[3-4] - Line_countH & Line_countL
[5-6],
[5-6] - XendH & XendL
[7-8],
[7-8] - YendH & YendL
1
Coarse exposure value update
pending
0
Coarse exposure value sent but not yet consumed by
the sensor
2
Gain value update pending
0
Gain value sent but not yet consumed by the sensor
3
Clock division update pending
0
Clock divisor sent but not yet consumed by the sensor
4
Odd/even frame
1
The flag will toggle state on alternate frames
5
Pan image parameters pending
0
Pan image parameters sent but not yet consumed by
the sensor
6
Tilt image parameters pending
0
Tilt image parameters sent but not yet consumed by
the sensor
7
Video timing parameter update
pending flag
0
Video timing parameters sent but not yet consumed
by sensor
Register
Index
Bits
Function
Default
Comment
3
0
Current line count MSB
-
Displays current line count
4
7:0
Current line count LSB
-
Table 23 : [3-4],
[3-4] - Current Line Counter Value.
Register
Index
Bits
Function
Default
Comment
5
0
Xend msb’s
359
These registers contain the end x
coordinate of the read out image size,
(the x offset register contains the start x
coordinate)
6
7:0
Xend ls byte
Table 24 : [5-6],
[5-6] - Xend
Register
Index
Bits
Function
Default
Comment
5
0
Yend ms bits
293
These registers contain the end y
coordinate of the read out image size,
(the y offset register contains the start y
coordinate)
6
7:0
Yend ls byte
Table 25 : [7-8],
[7-8] - Yend
Bit
Function
Default
Comment
Table 22 : [2],
[2] - Status0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com