Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0672 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 88Page - STMicroelectronics STV0672 Datasheet HTML 89Page - STMicroelectronics STV0672 Datasheet HTML 90Page - STMicroelectronics STV0672 Datasheet HTML 91Page - STMicroelectronics STV0672 Datasheet HTML 92Page - STMicroelectronics STV0672 Datasheet HTML 93Page - STMicroelectronics STV0672 Datasheet HTML 94Page - STMicroelectronics STV0672 Datasheet HTML 95Page - STMicroelectronics STV0672 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 105 page
background image
VV5410 & VV6410
Characterisation Details
cd5410-6410f-3-0.fm
Commercial in confidence
92/105
12. Characterisation Details
12.1 VV5410/VV6410 AC/DC Specification
Table 64 : VV5410/6410 DC specification
12.2 VV5410/VV6410 Optical Characterisation Data
Parameter
Comment
Units
Image Format
356 x 292 pixels (PAL/CIF)
306 x 244 pixels (NTSC)
180 x 148 pixels (QCIF)
-
Pixel Size
7.5 x 6.9
µm
Technology
0.5
µm 3 level metal CMOS
-
Array Format
CIF
-
Exposure control range
81
(minimum exposure period 3
µs and maximum exposure
period is 33ms)
1
1.
We assume CIF (30fps) mode, input clock of 16MHz and internal clock divisor of 1.
db
Supply Voltage
3.0-6.0 DC +/-10%
V
Operating Temp. range
0 - 40
oC
VOL_max
2
2.
This is worst case reading. Device outputs had significant capacitive loading and supply voltage reduced to 2V7
0.512
V
VOH_min
3
3.
This is worst case reading. Device outputs had significant capacitive loading and supply voltage reduced to 2V7
2.054
V
VI_maxL
4
4.
This is worst case reading. Device outputs had significant capacitive loading and supply voltage reduced to 2V7
0.683
V
VIH_min
5
5.
This is worst case reading. Device outputs had significant capacitive loading and supply voltage reduced to 2V7
2.237
V
Serial interface frequency
range
0-100kHz
Optical Parameter
Min
Typical
Max
Units
Dark Current
-
46
-
mV/sec
Average Sensitivity
-
2.1
-
V/lux.sec
Fixed Pattern Noise (FPN)
-
1.74
-
mV
Vertical Fixed Pattern Noise (VFPN)
-
1.2
-
mV
Random Noise
-
1.17
-
mV
Sensor SNR
-
c.56
-
dB
Shading (Gross)
-
0.9
-
mV
Table 65 : VV5410/VV6410 Optical Characterisation Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com