Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0672 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 87Page - STMicroelectronics STV0672 Datasheet HTML 88Page - STMicroelectronics STV0672 Datasheet HTML 89Page - STMicroelectronics STV0672 Datasheet HTML 90Page - STMicroelectronics STV0672 Datasheet HTML 91Page - STMicroelectronics STV0672 Datasheet HTML 92Page - STMicroelectronics STV0672 Datasheet HTML 93Page - STMicroelectronics STV0672 Datasheet HTML 94Page - STMicroelectronics STV0672 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
91/105
cd5410-6410f-3-0.fm
11.4 Programmable Pins
The FST and QCK pins can be re-configured to follow the values of bits 1 and 2 in the serial interface.register
pin_mapping. This
is to allow remote control of a electro-mechanical system, maybe two different crop settings, in a remote camera head via the
serial interface.
Supply
USB System
3.3V-only System
Vbus
Supply from USB cable
3.3V direct drive
Vddio
connect to Vreg3v3
3.3V direct drive
Vddcore
connect to Vreg3v3
3.3V direct drive
Vreg3v3
optionally populate external BJT for
added drive
BJT not populated
Vid3v3
generated by internal regulator
internal regulator powered down
Aud3v3
generated by internal regulator
internal regulator powered down
Table 63 : Sensor Voltage Supply summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com