| Electronic Components Datasheet Search |
|
UPD17062 Datasheet(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Datasheet(HTML) 29 Page - Renesas Technology Corp |
|
29 / 298 page ![]() 27 µPD17062 4.3 ADDRESS STACK REGISTERS (ASRs) There are six address stack registers, each consisting of 13 bits. After a subroutine call instruction has been executed or an interrupt request accepted, the contents of the address stack register will contain a value that is equal to the contents of the program counter, plus one, or the return address. The contents of an address stack register are loaded into the program counter by executing a return instruction, after which control returns to the original program flow. The address stack registers are used for both subroutine calls and interrupts. If two levels of the address stack registers are used for interrupts, the remaining four levels can be used for subroutine calls. If a MOVT instruction is executed, an address stack register is used temporarily. Fig. 4-2 Structure of Address Stack Registers 4.4 INTERRUPT STACK REGISTERS There are two interrupt stack registers, each consisting of three bits, as shown in Fig. 4-3. If an interrupt is accepted, the value of the two bits of the bank register (BANK) and the value of the one bit of the index-enable flag (IXE) in the system register (SYSREG), described later, are saved to an interrupt stack register. Once an interrupt return instruction (RETI) has been executed, the contents of the interrupt stack register are returned to the bank register and the index-enable flag of the system register. Unlike the address stack registers, the interrupt stack registers contain no addresses specified by the stack pointer. As shown in Fig. 4-4, data is saved to an interrupt stack pointer each time an interrupt is accepted, the saved data being returned whenever an interrupt return instruction is executed. If accepted interrupts consist of more than two levels, the first level of data is pushed out. Thus, it must be saved by the program. If a power-on reset is performed, the contents of the interrupt stack registers become undefined. Even if a CE reset is performed or a clock stop instruction is executed, however, the contents of the interrupt stack registers remain as is. ASR0 ASR1 ASR2 ASR3 ASR4 ASR5 0H 1H 2H 3H 4H 5H Stack pointer value |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |