Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 66Page - Renesas Technology Corp UPD17062 Datasheet HTML 67Page - Renesas Technology Corp UPD17062 Datasheet HTML 68Page - Renesas Technology Corp UPD17062 Datasheet HTML 69Page - Renesas Technology Corp UPD17062 Datasheet HTML 70Page - Renesas Technology Corp UPD17062 Datasheet HTML 71Page - Renesas Technology Corp UPD17062 Datasheet HTML 72Page - Renesas Technology Corp UPD17062 Datasheet HTML 73Page - Renesas Technology Corp UPD17062 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 298 page
background image
68
µPD17062
Fig. 9-1
Configuration of Control Register (1/2)
Note The number in parenthesis is the address used when the assembler (AS17K) is used.
Column Address
Row
Address
Item
0
1
2
3
4
5
6
7
0
(8)Note
Stack pointer
(SP)
S
P
2
S
P
1
S
P
0
00
0
C
E
Read/
Write
R/W
R
1
(9)Note
0
H
S
C
G
T
1
0
H
S
C
G
T
0
H
S
C
G
O
S
T
T
00
0
P
L
L
R
F
C
K
3
P
L
L
R
F
C
K
2
P
L
L
R
F
C
K
1
P
L
L
R
F
C
K
0
0
I
N
T
N
C
M
D
2
I
N
T
N
C
M
D
1
I
N
T
N
C
M
D
0
00
0
B
T
M
0
C
Y
Read/
Write
R/W
R
R/W
R/W
R
2
(A)Note
A
D
C
C
H
1
A
D
C
C
H
0
A
D
C
C
M
P
000
P
L
L
U
L
000
P
1
C
G
I
O
Read/
Write
R/W
R
R/W
Read/
Write
R/W
R /W
R/W
R/W
R/W
R/W
3
(B)Note
0
C
R
O
M
B
N
K
00
I
D
C
E
N0
0
P
L
U
L
S
E
N
1
P
L
U
L
S
E
N
0
P
1
B
B
I
O
3
P
1
B
B
I
O
2
P
1
B
B
I
O
1
P
1
B
B
I
O
0
P
0
B
B
I
O
3
P
0
B
B
I
O
2
P
0
B
B
I
O
1
P
0
B
B
I
O
0
P
0
A
B
I
O
3
P
0
A
B
I
O
2
P
0
A
B
I
O
1
P
0
A
B
I
O
0
Register
CE pin level
judge register
Symbol
HSYNC-
counter-gate
control
register
HSYNC-
counter-gate
judge
register
Register
Symbol
PLL refer-
ence
clock select
register
INTNC mode
select
register
Basic timer 0
carry flip-flop
judge register
Register
Symbol
A/D converter
control
register
PLL-unlock-
flip-flop
judge
register
Port 1C
group I/O
select
register
IDC CROM
bank
register
Register
Symbol
IDC enable
register
PLL-unlock-
flip-flop
sensibility
select register
Port 1B bit
I/O select
register
Port 0B bit
I/O select
register
Port 0A bit
I/O select
register
IDCDMA
enable
register
0
I
D
C
D
M
A
E
N
0
0
0
R/W
A
D
C
C
H
2
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com