Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 58Page - Renesas Technology Corp UPD17062 Datasheet HTML 59Page - Renesas Technology Corp UPD17062 Datasheet HTML 60Page - Renesas Technology Corp UPD17062 Datasheet HTML 61Page - Renesas Technology Corp UPD17062 Datasheet HTML 62Page - Renesas Technology Corp UPD17062 Datasheet HTML 63Page - Renesas Technology Corp UPD17062 Datasheet HTML 64Page - Renesas Technology Corp UPD17062 Datasheet HTML 65Page - Renesas Technology Corp UPD17062 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 298 page
background image
60
µPD17062
8.5.3
For MPE = 0 and IXE = 0 (Data Memory Not Modified)
As shown in Table 8-2, data memory addresses are not affected by the index register or data memory row
address pointer.
Example 1. When the row address of the general-purpose register is 0 for BANK0
ADD
03H,
11H
When the above instruction is executed, the contents of general-purpose register 03H and
data memory 11H are added and the result is stored in general-purpose register 03H. (See
Example 1 in Fig. 8-3).
Example 2. When the row address of the general-purpose register is 0 for BANK0
MOV
05H,
#8
; 05H
← 8
MOV
@05H, 34H
; Register indirect transfer
When the above instruction is executed, the contents of the data memory at address 34H are
transferred to address 38H. This means that the MOV @ r, m instruction transfers the contents
of data memory m to the same row address (in the above case, 3) as m and the column address
(in the above case, 38H) specified by the contents (in the above case, 8) of general-purpose
register r. (See Example 2 in Fig. 8-3).
Example 3. When the row address of the general-purpose register is 0 for BANK0
MOV
0BH,
#0EH
; 0BH
← 0EH
MOV
34H
@0BH
; Register indirect transfer
When the above instruction is executed, the contents of the data memory are transferred from
address 3EH to 34H. This means that the MOV m, @r instruction transfers the contents at
the same row address (in the above case, 3) as data memory m and at the column address
(in the above case, 3EH) specified by the contents (in the above case, 0EH) of general-purpose
register r to m (See Example 3 in Fig. 8-3). The (transfer) source and (transfer) destination
are exactly opposite to those in example 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com