Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 31Page - Renesas Technology Corp UPD17062 Datasheet HTML 32Page - Renesas Technology Corp UPD17062 Datasheet HTML 33Page - Renesas Technology Corp UPD17062 Datasheet HTML 34Page - Renesas Technology Corp UPD17062 Datasheet HTML 35Page - Renesas Technology Corp UPD17062 Datasheet HTML 36Page - Renesas Technology Corp UPD17062 Datasheet HTML 37Page - Renesas Technology Corp UPD17062 Datasheet HTML 38Page - Renesas Technology Corp UPD17062 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 298 page
background image
33
µPD17062
5.1.4
Structure of Port Data Registers (port register)
The port registers consist of 12 nibbles at addresses 70H to 73H of the banks of data memory.
Fig. 5-5 shows the structure of the port registers.
As shown in Fig. 5-5, the same port registers are allocated in BANK0 and BANK2. Thus, the port registers
actually consist of eight nibbles.
Fig. 5-5
Structure of Port Registers
5.1.5
Structure of General-Purpose Data Memory
General-purpose data memory consists of that part of memory other than the system register and the port
registers of data memory.
General-purpose data memory consists of a total of 336 words, with 112 words in each of BANK0 to BANK2.
5.1.6
Unmounted Data Memory
As shown in Fig. 5-6, nothing is assigned to bit 0 of address 72H in BANK1 of the port registers. For an
explanation of this address, see Section 5.3.2.
70H
71H
72H
73H
P0A
P0B
P0C
P0D
P1A
P1B
P1C
Fixed at 0
BANK0
BANK2
BANK1
Port register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com