Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 9Page - Renesas Technology Corp UPD17062 Datasheet HTML 10Page - Renesas Technology Corp UPD17062 Datasheet HTML 11Page - Renesas Technology Corp UPD17062 Datasheet HTML 12Page - Renesas Technology Corp UPD17062 Datasheet HTML 13Page - Renesas Technology Corp UPD17062 Datasheet HTML 14Page - Renesas Technology Corp UPD17062 Datasheet HTML 15Page - Renesas Technology Corp UPD17062 Datasheet HTML 16Page - Renesas Technology Corp UPD17062 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 298 page
background image
11
µPD17062
1. PINS
1.1
PIN FUNCTIONS
Pin No.
DIP QFP
(GC)
Symbol
Description
Output type
At power-on reset
P0C3
|
P0C0
P0D3/ADC5
|
P0D0/ADC2
PWM3
|
PWM0
VDD
VDD1
VDD0
VCO
EO
GND
GND2
GND1
GND0
PSC
CE
XOUT
XIN
1
|
4
5
|
8
9
|
12
13
14
15
16
17
18
19
20
58
|
61
62
|
1
2
|
6
9
11
13
15
16
17
18
19
4-bit output port
Input of port 0D and A/D converter
• P0D3 to P0D0
4-bit input port containing a pull-down resis-
tor.
• ADC5 to ADC2
Input of a 4-bit A/D converter, which is a soft-
ware-based successive-approximation type. The
reference voltage is VDD.
Output of a 6-bit D/A converter. The output type
is PWM. Output is done at a frequency of 15.625
kHz. The pin can also be used as a one-bit output
port.
Supplies the power to the device. To enable all
functions, 5 V
±10% is supplied. To operate only
the CPU, 4 V is required. In the clock-stop state,
the voltage can be reduced to 3.5 V.
When the supply voltage increases from 0 V to 4
V, a power-on reset occurs and the program is
started from address 0.
Apply an identical voltage to all pins.
Inputs the signal obtained by dividing the local
oscillation output by the specialized prescaler.
Outputs the PLL error signal. The signal is input
through the external LPF to the local oscillation
circuit.
Grounds the device. Connect all pins to ground.
Outputs the signal to switch the frequency divi-
sion ratio of the specialized prescaler.
Inputs the signal to select the device.
To operate the PLL and IDC, set the input signal
high.
If the input signal is low, the device can be backed
up with a low current drain by executing a stop
instruction.
When the input signal goes high, the device is reset
and the program is started from address 0.
Used to connect a crystal.
An 8-MHz crystal is used.
CMOS push-pull
N-ch open drain
CMOS tristate
CMOS push-pull
Undefined
Input
Undefined
Input
Hi-z
Undefined
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com