Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 218Page - Renesas Technology Corp UPD17062 Datasheet HTML 219Page - Renesas Technology Corp UPD17062 Datasheet HTML 220Page - Renesas Technology Corp UPD17062 Datasheet HTML 221Page - Renesas Technology Corp UPD17062 Datasheet HTML 222Page - Renesas Technology Corp UPD17062 Datasheet HTML 223Page - Renesas Technology Corp UPD17062 Datasheet HTML 224Page - Renesas Technology Corp UPD17062 Datasheet HTML 225Page - Renesas Technology Corp UPD17062 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 298 page
background image
220
µPD17062
18.2
OVERVIEW OF EACH PLL FREQUENCY SYNTHESIZER BLOCK
The PLL frequency synthesizer receives an input signal at the VCO pin, divides its frequency in the
programmable divider, and outputs the difference in phase between the divider output and the reference
frequency from the EO pin.
The PLL frequency synthesizer works only when the CE pin is at a high level. It is disabled when the CE
pin is at a low level. See Section 18.6 for the disable mode of the PLL frequency synthesizer.
Items (1) to (4) briefly describe each block of the synthesizer.
(1) Programmable divider (PD)
The programmable divider divides the frequency of a signal input from the VCO pin. It uses NEC’s
proprietary pulse swallow method to divide a frequency. A division value is given through the data buffer
(DBF).
See Section 18.3.
(2) Reference frequency generator (RFG)
The reference frequency generator generates a reference frequency that the phase comparator (
φ-DET)
uses for reference purposes.
A reference frequency can be selected using the PLL reference mode select register (at address 13H).
See Section 18.4.
(3) Phase comparator (
φ-DET) and unlock detection block
The phase comparator compares the output signal of the programmable divider (PD) with a signal from
the reference frequency generator (RFG) and outputs the phase difference between the signals. The phase
comparator can also detect the PLL unlock state.
Detection of the PLL unlock state is controlled with the PLL unlock FF delay control register (at address
32H) and the PLL unlock FF judge register (at address 22H).
See Section 18.5.
(4) Charge pump
The charge pump directs the output signal of the phase comparator (
φ-DET) to the EO pin as a high, low
level, or floating output.
See Section 18.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com