Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17062 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 273Page - Renesas Technology Corp UPD17062 Datasheet HTML 274Page - Renesas Technology Corp UPD17062 Datasheet HTML 275Page - Renesas Technology Corp UPD17062 Datasheet HTML 276Page - Renesas Technology Corp UPD17062 Datasheet HTML 277Page - Renesas Technology Corp UPD17062 Datasheet HTML 278Page - Renesas Technology Corp UPD17062 Datasheet HTML 279Page - Renesas Technology Corp UPD17062 Datasheet HTML 280Page - Renesas Technology Corp UPD17062 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 298 page
background image
275
µPD17062
21.2
GATE CONTROL REGISTER (HSCGT)
The gate control register is a 2-bit register consisting of the HSCGT1 and HSCGT0 flags used to control the
gate. It is mapped in the register file at 11H. The gate control register can be read- and write-accessed through
the window register (system register) using the PEEK and POKE instructions, respectively.
The following modes can be set up using the gate control register.
Note The gate clock generator works only when this mode is selected.
21.2.1
Gate Closed Mode
In the gate closed mode, the gate is kept closed, disabling the HSC and gate clock generator from operating
(the content of the HSYNC counter does not change). This mode also turns off the bias input to the horizontal
sync signal counter, and therefore it should be selected when the port is used.
This mode is selected at a power-on reset and a clock stop.
21.2.2
Gate Open Mode
When the gate open mode is entered, the gate opens and causes the HSYNC counter to start counting the
input signal after it is reset.
When the HSYNC counter overflows, it goes back to 0.
In this mode, the input pin is biased.
21.2.3
1.69 ms gate mode
When the 1.69 ms gate mode is entered, the HSYNC counter is reset and starts counting the input signal
after 3.375/2 ms (with an error of 0 to 62.5
µs). The gate is kept open for 1.69 ms. The input pin is biased.
If the input signal is high when the gate is opened or closed, it is counted as one.
b3
b2
b1
b0
(RF11H)
HSCGT0
HSCGT1
HSCGT2
HSCGT3
0
0
1
0
10
1
1
Gate closed
Gate open
Open-gate time of 1.69 ms Note
Not to be set
Fixed at 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com