Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3624LE Datasheet(PDF) 45 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 45 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation RT3624LE Datasheet HTML 44Page - Richtek Technology Corporation RT3624LE Datasheet HTML 45Page - Richtek Technology Corporation RT3624LE Datasheet HTML 46Page - Richtek Technology Corporation RT3624LE Datasheet HTML 47Page - Richtek Technology Corporation RT3624LE Datasheet HTML 48Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
45
OVP Threshold
350mV
VSEN
VR_READY
VID Down (Slow Slew rate)
Indicator
60
μs
PWM
0V
Figure 24. Over-Voltage Protection Mechanism
Under-Voltage Protection
When the output voltage is lower than VID-650mV with
3
µs filter time, UVP is triggered and all PWMs are in
tri-state to turn off high-side and low-side power
MOSFETs. UVP is masked during DVID period and
80
µs after VID settles. The mechanism is illustrated in
Figure 25.
VID
650mV
VSEN
UVP Threshold
PWM
VR_READY
Figure 25. Under-Voltage Mechanism
All protections are reset only by VCC/VRON toggle.
UVP and OCP protections are listed in Table 18. Note
that the real filter time also depends on the magnitude
of detected signal. The signal magnitude affects analog
comparator’s overdrive voltage and output slew rate.
The RT3624LE provides protection flag to promptly
determine which kind of protections is triggered. As
protection happens, VREF is forced to be 1V/1.5V/2V
for OVP/UVP/SUM_OCP, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com