Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3624LE Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 3Page - Richtek Technology Corporation RT3624LE Datasheet HTML 4Page - Richtek Technology Corporation RT3624LE Datasheet HTML 5Page - Richtek Technology Corporation RT3624LE Datasheet HTML 6Page - Richtek Technology Corporation RT3624LE Datasheet HTML 7Page - Richtek Technology Corporation RT3624LE Datasheet HTML 8Page - Richtek Technology Corporation RT3624LE Datasheet HTML 9Page - Richtek Technology Corporation RT3624LE Datasheet HTML 10Page - Richtek Technology Corporation RT3624LE Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
7
Loop Control/Protection Logic
It controls power-on/off sequence, protections, power
state transition, and PWM sequence.
DAC
The DAC generates a reference VID voltage according
to the VID code sent by Control Logic. According to
setVID command, Control Logic dynamically changes
VID voltage to the target voltage with required slew
rate.
ERROR AMP
The ERROR AMP inverts and amplifies the difference
between output voltage and VID with externally set
finite DC gain. The output signal is COMP for PWM
trigger.
PER CSGM
The PER CSGM senses per-phase inductor current.
The outputs are used for loop response, current
balance, zero current detection, current reporting and
over-current protection.
SUM CSGM
The SUM CSGM senses total inductor current with
RIMON gain adjustment. SUM CSGM output current
ratio can also be set by PIN-SETTING(Ai[1:0]). It helps
wide application range of DCR and load-line. SUM
CSGM output is used for PWM trigger.
RAMP
The RAMP helps loop stability and transient response.
PWM CMP
The PWM comparator compares COMP signal with
sum current signal based on RAMP to trigger PWM.
Offset Cancellation
The offset cancellation is based on VID, COMP voltage
and current signal from SUM CSGM to control output
voltage accurately.
Current Balance
Per-phase current sense signal is compared with
sensed average current. The comparison result adjusts
each phase PWM width to optimize current and thermal
balance.
Zero Current Detection
Detects whether each phase current crosses zero
current. The result is used for DEM power saving and
overshoot reduction (anti-overshoot function).
AQR/ANTIOVS
The AQR is a new generation of quick response
mechanism (Adaptive Quick Response, AQR) which
detects loading rising edge and allows all PWMs to turn
on. The PWM pulse width triggered by AQR is adaptive
to loading level. The AQR trigger level can be set by
PIN-SETTING. ANTIOVS can help overshoot reduction
which detects loading falling edge and forces all PWMs
in tri-state until the zero current is detected.
OCP
The
RT3624LE
has
two
over-current
protection
mechanisms, sum OCP and OC limit.
OVP
The over-voltage protection threshold is linked to VID.
Please refer to classification table and waveform in
Table 17, Figure 23 and Figure 24.
UVP
When the output voltage is lower than VID-650mV with
3
µs filter time, UVP is triggered and all PWMs are in
tri-state to turn off high-side power MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com