| Electronic Components Datasheet Search |
|
RT3624LE Datasheet(PDF) 6 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT3624LE Datasheet(HTML) 6 Page - Richtek Technology Corporation |
|
6 / 48 page ![]() RT3624LE Copyright © 2022 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation www.richtek.com DS3624LE-00 April 2022 6 Operation G-NAVPTM Control Mode The RT3624LE adopts G-NAVPTM (Green Native AVP) which is Richtek’s proprietary topology. It is derived from current mode constant on-time control with finite DC gain of error amplifier and DC offset cancellation. The topology can achieve easy load-line design and provide high DC accuracy and fast transient response. When the sensed current signal reaches the sensed voltage signal, the RT3624LE generates a PWM pulse to achieve loop modulation. Figure 1 shows the basic G-NAVPTM behavior waveforms. The COMP signal is the sensed voltage that is inverted and amplified signal of the output voltage while current loading increases. The COMP rises due to output voltage droop. Then rising COMP forces PWM turn-on earlier and closely. While inductor current reaches loading current, COMP enters another steady state of higher voltage and the corresponding output voltage is in the steady state of lower voltage. The load-line, output voltage drooping which is proportional to loading current, is achieved. Sensed Current Signal COMP VID ΔIcc x RLL Steady State PWM Load Transient Loading Current ΔIcc VOUT Figure 1. G-NAVPTM Behavior Waveform SVID Interface/Control Logic/Configuration Registers SVID Interface receives or transmits SVID signal with CPU. Control Logic executes command (Read/Write registers, setVID, setPS) and sends related signals to control VR. Configuration Registers include function setting registers and CPU required registers. IMON Filter IMON Filter is used to average current signal by an analog low-pass filter. It outputs IMONAVG to the MUX of ADC for current reporting. MUX and ADC The MUX supports the inputs for SET1, SET2, SET3, SET4, TSEN, TSENA, PSYS, IMONAVG, IMONAAVG and IMON_AUXAVG. The ADC converts these analog signals to digital codes for reporting or function settings. UVLO The UVLO detects the VCC voltage. As VCC exceeds threshold, controller issues POR = high and waits VRON. After both POR and VRON are ready, then controller is enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |