Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3624LE Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 4Page - Richtek Technology Corporation RT3624LE Datasheet HTML 5Page - Richtek Technology Corporation RT3624LE Datasheet HTML 6Page - Richtek Technology Corporation RT3624LE Datasheet HTML 7Page - Richtek Technology Corporation RT3624LE Datasheet HTML 8Page - Richtek Technology Corporation RT3624LE Datasheet HTML 9Page - Richtek Technology Corporation RT3624LE Datasheet HTML 10Page - Richtek Technology Corporation RT3624LE Datasheet HTML 11Page - Richtek Technology Corporation RT3624LE Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
8
Absolute Maximum Ratings
(Note 1)
VIN/VSYS to GND ----------------------------------------------------------------------------------------------------
−0.3V to 28V
VCC to GND - ----------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
RGND to GND ---------------------------------------------------------------------------------------------------------
−0.3V to 0.3V
Other Pins ---------------------------------------------------------------------------------------------------------------
−0.3V to 6.8V
Power Dissipation, PD @ TA = 25
°C
WQFN-52L 6x6 -------------------------------------------------------------------------------------------------------- 3.77W
Package Thermal Resistance
(Note 2)
WQFN-52L 6x6,
θJA -------------------------------------------------------------------------------------------------- 26.5°C/W
WQFN-52L 6x6,
θJC -------------------------------------------------------------------------------------------------- 6.5°C/W
Lead Temperature (Soldering, 10 sec.)-------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------ 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
VIN/VSYS to GND ---------------------------------------------------------------------------------------------------- 4.5V to 24V
Supply Input Voltage, VCC ----------------------------------------------------------------------------------------- 4.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−10°C to 105°C
Electrical Characteristics
(VCC = 5V, typical values are referenced to TJ = 25°C, Min and Max values are referenced to TJ from −10°C to 105°C, unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
IVCC
VRON = H, not switching
--
14
--
mA
Supply Current at PS4
IVCC_PS4
VRON = H, not switching
--
85
--
µA
Shutdown Current
ISHDN
VRON = L
--
--
15
µA
EA Amplifier
DC Gain
ADC
RL = 47k
Ω
70
--
--
dB
Gain-Bandwidth Product
GBW
CLOAD = 5pF
--
10
--
MHz
Slew Rate
SREA
CLOAD = 10pF (Gain =
−4, Rf
= 47k
Ω, VOUT = 0.5V to 3V)
--
5
--
V/
µs
Output Voltage Range
VCOMP
RL = 47k
Ω
0.3
--
3.6
V
Maximum
Source/Sink
Current
IOUTEA
VCOMP = 2V
--
5
--
mA
Current Sensing Amplifier (GTUS/VCCSA/AUX)
Impedance at Positive Input
RISENxP
1
--
--
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com