Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD451 Datasheet(PDF) 27 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 27 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 23Page - Microchip Technology RNBD451 Datasheet HTML 24Page - Microchip Technology RNBD451 Datasheet HTML 25Page - Microchip Technology RNBD451 Datasheet HTML 26Page - Microchip Technology RNBD451 Datasheet HTML 27Page - Microchip Technology RNBD451 Datasheet HTML 28Page - Microchip Technology RNBD451 Datasheet HTML 29Page - Microchip Technology RNBD451 Datasheet HTML 30Page - Microchip Technology RNBD451 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 27
...........continued
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V
(unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param. No. Symbol
Characteristics
Min.
Typ.(1)
Max.
Units
Conditions
DI_15(5)
RPDWN
Internal pull-down
(Drive strength,
8x)
—
21.4
—
kΩ
VDDIO = 3.3V
Internal pull-down
(Drive strength,
4x)
—
3.9
—
kΩ
DI_17
RPUP
Internal pull-up
(Drive strength,
8x)
—
18.6
—
kΩ
Internal pull-up
(Drive strength,
4x)
—
3.3
—
kΩ
DI_25
TRISE
I/O pin rise
time (High drive
strength, high
load)
—
1.97
—
ns
VDDIO = 3.3V
I/O pin rise
time (Low drive
strength, high
load)
—
10.7
—
ns
—
I/O pin rise
time (High drive
strength, standard
load)
—
2.0
—
ns
—
I/O pin rise
time (Low drive
strength, standard
load)
—
7.6
—
ns
—
DI_27
TFALL
I/O pin fall
time (High drive
strength, high
load)
—
1.6
—
ns
—
I/O pin fall
time (Low drive
strength, high
load)
—
8.1
—
ns
—
I/O pin fall
time (High drive
strength, standard
load)
—
1.6
—
ns
—
I/O pin fall
time (Low drive
strength, standard
load)
—
5.1
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com