Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD451 Datasheet(PDF) 33 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 33 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 29Page - Microchip Technology RNBD451 Datasheet HTML 30Page - Microchip Technology RNBD451 Datasheet HTML 31Page - Microchip Technology RNBD451 Datasheet HTML 32Page - Microchip Technology RNBD451 Datasheet HTML 33Page - Microchip Technology RNBD451 Datasheet HTML 34Page - Microchip Technology RNBD451 Datasheet HTML 35Page - Microchip Technology RNBD451 Datasheet HTML 36Page - Microchip Technology RNBD451 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 33
...........continued
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA
1.9-3.6V (unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for
Industrial Temp
Param.
No.
Symbol
Characteristics
Min.
Typ(1)
Max.
Units
Conditions
BTRX6(4)
CI2M:COCH
C/I Co channel
rejection
—
13
—
dB
—
CI2M: ± -2 MHz
C/I adjacent channel
rejection
—
16
—
dB
—
CI2M: ± -4 MHz
C/I adjacent channel
rejection
—
19
—
dB
—
CI2M:ADJ(6+2n)
C/I alternate channel
rejection
—
16
—
dB
—
CI2M:IMG
C/I image frequency
rejection
—
13
—
dB
—
CI2M:IMG ± -2 MHz
C/I adjacent channel to
image freq rejection
—
19
—
dB
—
BTRX7(4)
BLOCK1M:<2 GHZ
Blocking performance
from 30-2 GHz
—
20
—
dB
—
BLOCK1M:2
GHZ<SIG<2399 MHz
Blocking performance
from 2003-2399 MHz
—
14
—
dB
—
BLOCK1M:2484
MHZ<SIG<2977 MHz
Blocking performance
between 2484-2997
MHz
—
20
—
dB
—
BLOCK1M:3
GHZ<SIG<12.75 GHz
Blocking performance
between 3-12.5 GHz
—
20
—
dB
—
BTRX8(4)
BLE1M:INTERMOD
Inter modulation
performance for BLEM
—
13.5
—
dB
—
BLE2M:INTERMOD
Inter modulation
performance for BLEM
—
19.5
—
dB
—
Notes: 
1.
Measured at 25℃, averaged across all voltages and channels.
2.
Measured on a board with the reference schematic.
3.
All measurement across voltage based on the SIG specifications.
4.
The specified value is the limit above the SIG specifications.
5.
PDU length = 37, channels = 2402/2426/2440/2480 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com