Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD451 Datasheet(PDF) 14 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 14 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 10Page - Microchip Technology RNBD451 Datasheet HTML 11Page - Microchip Technology RNBD451 Datasheet HTML 12Page - Microchip Technology RNBD451 Datasheet HTML 13Page - Microchip Technology RNBD451 Datasheet HTML 14Page - Microchip Technology RNBD451 Datasheet HTML 15Page - Microchip Technology RNBD451 Datasheet HTML 16Page - Microchip Technology RNBD451 Datasheet HTML 17Page - Microchip Technology RNBD451 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 14
4.3
Active Current Consumption DC Electrical Specifications
Table 4-3. Active Current Consumption DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDDIO = VDDANA
1.9V to 3.6V (unless otherwise stated) Operating
Temperature: -40°C ≤ TA ≤ +85°C for Industrial
Temp
Param. No. Symbol
Characteristics
Clock/Freq
Typ (1)
Max.
Units
Conditions
APWR_1
IDD_ACTIVE
(2,3)
MCU IDD in
Active mode
w/LDO mode
selected
PLL 64 MHz
131
—
μA/MHz
VDD =
VDDANA =
3.3V
APWR_2
FRC 8 MHz
443
APWR_3
MCU IDD in
Active mode w/
BUCK mode
selected
PLL 64 MHz
76.8
APWR_4
FRC 8 MHz
300
Figure 4-1. Run Mode Current Consumption in Buck Mode at PLL 64 MHz
0
1
2
3
4
5
6
7
8
-40
0
25
60
85
105
125
Temperature (in degree Celcius)
2.4V
2.7V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com