Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD451 Datasheet(PDF) 12 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 12 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 8Page - Microchip Technology RNBD451 Datasheet HTML 9Page - Microchip Technology RNBD451 Datasheet HTML 10Page - Microchip Technology RNBD451 Datasheet HTML 11Page - Microchip Technology RNBD451 Datasheet HTML 12Page - Microchip Technology RNBD451 Datasheet HTML 13Page - Microchip Technology RNBD451 Datasheet HTML 14Page - Microchip Technology RNBD451 Datasheet HTML 15Page - Microchip Technology RNBD451 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
RNBD451
Device Overview
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 12
every advertising interval, the RNBD451 module wakes up from Deep Sleep mode, performs the advertisement
and goes back to Deep Sleep mode. The RNBD451 module continues this pattern of advertisement until a
connection is established.
Enable the deep sleep advertisement in the RNBD451 module using Set Deep Sleep Advertising
command. For example, SDO,<0,1>,<hex16>.
Pull the UART_RX_IND (PB4) pin to low from host MCU to enable the UART before Host MCU transmits data
to the RNBD451 module. The UART_RX_IND must be active prior to UART data more than 25 ms to make the
RNBD451 module ready to receive data.
• Extreme Deep Sleep mode – In this mode, configure the module to operate in Shutdown state. In this state,
the system stays in the Extreme Deep Sleep (XDS) mode and it consumes extreme low power. Hard reset or
pull UART_RX_IND pin low can bring the system back to Run mode. For more details on the commands for
different Low-power mode configurations, refer to the RNBD451 Bluetooth Low Energy Module User’s Guide
(DS50003467).
3.4
Device Programming
The RNBD451 device is available for purchase with a pre-programmed firmware. Microchip periodically releases the
firmware for fixing previously reported issues or to implement latest feature support. There are two ways to perform
regular firmware update:
1.
Serial DFU command based update over UART
2.
Over-the-air (OTA) update of firmware using Microchip Bluetooth Data (MBD) mobile application or module to
module OTA update (OTAPC mode commands)
3.
Advanced programming
For advanced programming option (SWD), go to support.microchip.com.
Note: For the serial DFU and OTA programming guidance, refer to the RNBD451 Bluetooth Low Energy Module
User’s Guide (DS50003467).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com