Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD451 Datasheet(PDF) 53 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 53 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 49Page - Microchip Technology RNBD451 Datasheet HTML 50Page - Microchip Technology RNBD451 Datasheet HTML 51Page - Microchip Technology RNBD451 Datasheet HTML 52Page - Microchip Technology RNBD451 Datasheet HTML 53Page - Microchip Technology RNBD451 Datasheet HTML 54Page - Microchip Technology RNBD451 Datasheet HTML 55Page - Microchip Technology RNBD451 Datasheet HTML 56Page - Microchip Technology RNBD451 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
RNBD451
Application Reference
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 53
7.
Application Reference
This chapter provides the application reference circuits of the RNBD451 module.
Figure 7-1. RNBD451 Add On Board
0.1uF
10V
0402
C6
NMCLR
GND
GND
4.7uF
10V
0402
C7
GND
1
GND
2
NMCLR
3
PB0
4
GND
8
VDD_A
7
PB3
5
PB5
6
PA11
9
PA12
10
PB6
12
GND
11
PB7
13
VDD 27
VDD 28
PA8
29
PA9
30
PA7
31
PA10
32
PA13
33
PA14
34
PA2
35
PA3
36
PB2 37
PB1 38
PB4
39
TPAD_GND
40
TPAD_GND
U1
GND
GND
GND
GND
0.1uF
10V
0402
C1
470R
0402
R4
PB6/UART RXD
PB7/BLE STATUSIND2
PA4/UART RTS
PA5/UART TXD
PA6/UART CTS
PA8/DEBUG UART RXD
PA7/DEBUG UART TXD
PB2/UART MODE SWITCH
PB4/UART RX IND
PB9/UART RX IND
PA7/DEBUG UART TXD
PA8/DEBUG UART RXD
GND
GND
TGT_VDD
GND
PTA Header
Debug UART
PB0/WLAN_ACTIVE
PB3/BLE_STATUSIND1
PB5/BLE_STATUS LED
Blue
D2
PA14/COEXCTRL1/RF_ACTIVE
PA13/COEXCTRL0/BT_STATE
HDR-2.54 Male 1x4
J1
0.1uF
10V
0402
C3
GND
0R
0603
R6
TGT_VDD
TGT_VDD
0R
0402
R5
0R
0402
R3
3V3_MIKRO
3V3_USB
TVDD
HDR-2.54 Male 1x3
J2
Shunt 2.54mm 1x2
JP1
GND
GND
GREEN
D3
470R
0402
R7
GND
4.7uF
10V
0402
C2
GND
BT_ACTIVE
BT_PRIORITY
WLAN_ACTIVE
TVDD
1
2
3
HDR-2.54 Male 1x3
J5
TP SMD D2
TP1
PB0/WLAN_ACTIVE
470R
0402
R1
Red
D1
TVDD
PA3/EVENT_IND
PA2/UART_TX_IND
0R
0402
R2
10k
0402
1%
R40
TVDD
TP SMD D2
TP2
TP SMD D2
TP3
TP SMD D2
TP4
Power Supply Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com