Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD451 Datasheet(PDF) 34 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 34 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 30Page - Microchip Technology RNBD451 Datasheet HTML 31Page - Microchip Technology RNBD451 Datasheet HTML 32Page - Microchip Technology RNBD451 Datasheet HTML 33Page - Microchip Technology RNBD451 Datasheet HTML 34Page - Microchip Technology RNBD451 Datasheet HTML 35Page - Microchip Technology RNBD451 Datasheet HTML 36Page - Microchip Technology RNBD451 Datasheet HTML 37Page - Microchip Technology RNBD451 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 34
Table 4-15. Bluetooth Low Energy RF Current Characteristics
AC Characteristics
Standard Operating Conditions: VDDIO
= VDDANA 1.9-3.6V (unless otherwise
stated)
Operating Temperature: -40°C ≤ TA ≤
+85°C for Industrial Temp
Param.
No.
Symbol
Characteristics
RF
Power
CPU
Frequency
Min. Typ. Max. Units Conditions
IBLETX1
IDDTXMPA
Current
consumption with
output power in DC-
DC mode 1 Mbps
+12
dBm
64 MHz
—
42.8
—
mA
—
IBLETX2
+12
dBm
32 MHz
—
40.5
—
mA
—
IBLETX3
+12
dBm
8 MHz
—
39.0
—
mA
—
IBLETX4
Current
consumption at +12
dBm output power
in MLDO mode
+12
dBm
64 MHz
—
96.7
—
mA
—
IBLETX5
+12
dBm
32 MHz
—
91.8
—
mA
—
IBLETX6
+12
dBm
8 MHz
—
88.1
—
mA
—
IBLETX7
IDDTXLPA
Current
consumption at +4
dBm output power
in DC-DC mode 1
Mbps
4 dBm
64 MHz
—
24.9
—
mA
—
IBLETX8
4 dBm
32 MHz
—
22.9
—
mA
—
IBLETX9
4 dBm
8 MHz
—
21.1
—
mA
—
IBLETX10
Current
consumption at +4
dBm output power
in MLDO mode
4 dBm
64 MHz
—
55.5
—
mA
—
IBLETX11
4 dBm
32 MHz
—
48.7
—
mA
—
IBLETX12
4 dBm
8 MHz
—
45.8
—
mA
—
IBLETX7
IDDTXLPA0
Current
consumption at +0
dBm output power
in DC-DC mode 1
Mbps
0 dBm
64 MHz
—
22.7
—
mA
—
IBLETX8
0 dBm
32 MHz
—
20.9
—
mA
—
IBLETX9
0 dBm
8 MHz
—
18.2
—
mA
—
IBLETX10
Current
consumption at 0
dBm output power
in MLDO mode
0 dBm
64 MHz
—
47.6
—
mA
—
IBLETX11
0 dBm
32 MHz
—
43.0
—
mA
—
IBLETX12
0 dBm
8 MHz
—
39.7
—
mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com