Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD451 Datasheet(PDF) 29 Page - Microchip Technology

Part # RNBD451
Description  RNBD451 Bluetooth® Low Energy Module Data Sheet
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD451 Datasheet(HTML) 29 Page - Microchip Technology

Back Button RNBD451 Datasheet HTML 25Page - Microchip Technology RNBD451 Datasheet HTML 26Page - Microchip Technology RNBD451 Datasheet HTML 27Page - Microchip Technology RNBD451 Datasheet HTML 28Page - Microchip Technology RNBD451 Datasheet HTML 29Page - Microchip Technology RNBD451 Datasheet HTML 30Page - Microchip Technology RNBD451 Datasheet HTML 31Page - Microchip Technology RNBD451 Datasheet HTML 32Page - Microchip Technology RNBD451 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
RNBD451
Electrical Characteristics
© 2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Data Sheet
DS70005514A-page 29
...........continued
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V
(unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial
Temp
Param. No. Symbol
Characteristics
Min. Typ. Max. Units Conditions
SADC_11
Res
Resolution
6
—
12
bits
Selectable 6, 8, 10, 12 bit resolution
ranges
SADC_13
EN0B(3)
Effective number of bits —
9.3
—
bits
1.6 Msps, Internal VREF, VDDANA =
VDDIO = 3.3V
SADC_19
INL(3)
Integral non linearity
—
-5.2
—
LSb
1.6 Msps, Internal VREF, VDDANA =
VDDIO = 3.3V
2.7
SADC_25
DNL(3)
Differential non linearity —
-1
—
LSb
1.6 Msps, Internal VREF, VDDANA =
VDDIO = 3.3V
1.8
SADC_31
GERR(3)
Gain error
—
-0.7
—
LSb
1.6 Msps, Internal VREF, VDDANA =
VDDIO = 3.3V
SADC_37
E0FF(3)
Offset error
—
3.2
—
LSb
Internal VREF, VDDANA = VDDIO =
3.3V
Single-Ended Mode ADC Dynamic Performance
SADC_49
SINAD(1,2,3) Signal to noise and
distortion
—
57.8 —
dB
VREF = VDDANA = VDDIO = 3.3V
at 12-bit resolution, max sampling
rate(1,2)
SADC_51
SNR(1,2,3))
Signal to noise ratio
—
58.2 —
SADC_53
SFDR(1,2,3) Spurious free dynamic
range
—
66.2 —
SADC_55
THD(1,2,3,5) Total harmonic
distortion
—
-71.3 —
Notes: 
1.
Characterized with an analog input sine wave = (FTP(maximum)/100). Example: FTP(maxium) = 1 Msps/100
= 10 KHz sine wave.
2.
Sinewave peak amplitude = 96% ADC_ Full Scale amplitude input with 12-bit resolution.
3.
Spec values collected under the following additional conditions:
a.
12-bit resolution mode.
b.
All registers at reset default value otherwise not mentioned.
4.
ADC Measurements done with 3.3V VREF Voltage.
5.
Value taken over 7 harmonics.
6.
Referred to as AVDD in the pinout.
Table 4-12. ADC Conversion AC Electrical Requirements
AC Characteristics
Standard Operating Conditions: VDDIO = VDDANA 1.9-3.6V
(unless otherwise stated)
Operating Temperature: -40°C ≤ TA ≤ +85°C for Industrial Temp
Param.
No.
Symbol
Characteristics
Min.
Typ.
Max.
Units
Conditions
ADC_ Clock Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com