Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB325 Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 101Page - ATMEL Corporation AT43USB325 Datasheet HTML 102Page - ATMEL Corporation AT43USB325 Datasheet HTML 103Page - ATMEL Corporation AT43USB325 Datasheet HTML 104Page - ATMEL Corporation AT43USB325 Datasheet HTML 105Page - ATMEL Corporation AT43USB325 Datasheet HTML 106Page - ATMEL Corporation AT43USB325 Datasheet HTML 107Page - ATMEL Corporation AT43USB325 Datasheet HTML 108Page - ATMEL Corporation AT43USB325 Datasheet HTML 109Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 105 / 109 page
background image
105
3355C–USB–4/05
AT43USB325
12. Errata Sheet
Errata (All Date Codes): Missed Watchdog Timer Reset
12.1
Problem
There is a synchronization problem between the watchdog clock and the AVR clock. Even
though the clock inputs to both the watchdog timer and the AVR core are generated through the
same crystal, the two clock sources are not going through the same PLL. The AVR is clocked at
12 MHz and the watchdog timer is clocked at 1MHz. The WDR (Watchdog Reset) instruction is a
one-clock-cycle instruction. As such, when a watchdog timer reset occurs due to a WDR, the
watchdog timer may miss the reset. This happens frequently if the AVR is clocked much faster
than the watchdog timer.
12.2
Fix/Workaround
A workaround is to invoke the WDR repetitively to ensure that the watchdog timer will be able to
receive the reset signal. If the AVR runs at 12 MHz, the WDR command must be invoked four-
teen times back to back.
The following is the sample code for resetting and arming the watchdog timer, assuming the
AVR is running at 12 MHz:
asm ( "ldi r16,15\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n
WDR\n WDR\n WDR\n WDR\n out 0x21,r16 " );
To disarm and disable the watchdog, do the following:
asm ( "ldi r16,0x18\nldi r17,0x10\n\n out 0x21,r16\n out 0x21,r17 " );
Please note that if the AVR runs at 24 MHz, the WDR should be invoked twenty-six times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com