Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221CPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221CPWR
Description  MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3221CPWR Datasheet(HTML) 3 Page - Texas Instruments

  MAX3221CPWR Datasheet HTML 1Page - Texas Instruments MAX3221CPWR Datasheet HTML 2Page - Texas Instruments MAX3221CPWR Datasheet HTML 3Page - Texas Instruments MAX3221CPWR Datasheet HTML 4Page - Texas Instruments MAX3221CPWR Datasheet HTML 5Page - Texas Instruments MAX3221CPWR Datasheet HTML 6Page - Texas Instruments MAX3221CPWR Datasheet HTML 7Page - Texas Instruments MAX3221CPWR Datasheet HTML 8Page - Texas Instruments MAX3221CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
C1+
V+
C1−
C2+
C2−
V−
RIN
FORCEOFF
VCC
GND
DOUT
FORCEON
DIN
INVALID
ROUT
Figure 5-1. DB or PW Package, 16-Pin SSOP or TSSOP, Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
C1+
2
—
Positive terminals of the voltage-doubler charge-pump capacitors
C2+
5
C1–
4
—
Negative terminals of the voltage-doubler charge-pump capacitors
C2–
6
DIN
11
I
Driver input
DOUT
13
O
RS-232 driver output
EN
1
I
Low input enables receiver ROUT output. High input sets ROUT to high impedance.
FORCEOFF
16
I
Automatic power-down control input
FORCEON
12
I
Automatic power-down control input
GND
14
—
Ground
INVALID
10
O
Invalid output pin. Output low when all RIN inputs are unpowered.
RIN
8
I
RS-232 receiver input
ROUT
9
O
Receiver output
VCC
15
—
3-V to 5.5-V supply voltage
V+
3
O
5.5-V supply generated by the charge pump
V–
7
O
–5.5-V supply generated by the charge pump
www.ti.com
MAX3221
SLLS348P – JUNE 1999 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MAX3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com