Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221CPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221CPWR
Description  MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3221CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX3221CPWR Datasheet HTML 3Page - Texas Instruments MAX3221CPWR Datasheet HTML 4Page - Texas Instruments MAX3221CPWR Datasheet HTML 5Page - Texas Instruments MAX3221CPWR Datasheet HTML 6Page - Texas Instruments MAX3221CPWR Datasheet HTML 7Page - Texas Instruments MAX3221CPWR Datasheet HTML 8Page - Texas Instruments MAX3221CPWR Datasheet HTML 9Page - Texas Instruments MAX3221CPWR Datasheet HTML 10Page - Texas Instruments MAX3221CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
6.10 Switching Characteristics – Receiver
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 150 pF,
see Figure 7-3
150
ns
tPHL
Propagation delay time, high- to low-level output
CL = 150 pF,
see Figure 7-3
150
ns
ten
Output enable time
CL = 150 pF, RL = 3 kΩ,
see Figure 7-4
200
ns
tdis
Output disable time
CL = 150 pF, RL = 3 kΩ,
see Figure 7-4
200
ns
tsk(p)
Pulse skew(2)
See Figure 7-3
50
ns
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Pulse skew is defined as |tPLH − tPHL| of each channel of the same device.
(3)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
6.11 Switching Characteristics – Status
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2)
PARAMETER
MIN
TYP(1)
MAX
UNIT
tvalid
Propagation delay time, low- to high-level output
1
µs
tinvalid
Propagation delay time, high- to low-level output
30
µs
ten
Supply enable time
100
µs
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
6.12 Typical Characteristics
VCC = 3.3 V
0
1
2
3
4
5
6
0
5
10
15
20
25
DOUT Current (mA)
VOH
C001
Figure 6-1. DOUT VOH vs Load Current
±6
±5
±4
±3
±2
±1
0
0
5
10
15
20
25
DOUT Current (mA)
VOL
C001
Figure 6-2. DOUT VOL vs Load Current
www.ti.com
MAX3221
SLLS348P – JUNE 1999 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: MAX3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com