Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221CPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221CPWR
Description  MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3221CPWR Datasheet(HTML) 5 Page - Texas Instruments

  MAX3221CPWR Datasheet HTML 1Page - Texas Instruments MAX3221CPWR Datasheet HTML 2Page - Texas Instruments MAX3221CPWR Datasheet HTML 3Page - Texas Instruments MAX3221CPWR Datasheet HTML 4Page - Texas Instruments MAX3221CPWR Datasheet HTML 5Page - Texas Instruments MAX3221CPWR Datasheet HTML 6Page - Texas Instruments MAX3221CPWR Datasheet HTML 7Page - Texas Instruments MAX3221CPWR Datasheet HTML 8Page - Texas Instruments MAX3221CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
MAX3221
UNIT
DB (SSOP)
PW (TSSOP)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
105.8
110.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.9
41.7
°C/W
RθJB
Junction-to-board thermal resistance
57.6
57.2
°C/W
ψJT
Junction-to-top characterization parameter
14.1
4.2
°C/W
ψJB
Junction-to-board characterization parameter
56.8
56.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics – Power
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP(1) MAX
UNIT
II
Input leakage current FORCEOFF, FORCEON, EN
±0.01
±1
µA
ICC
Supply current
Automatic power-down
disabled
No load,
VCC = 3.3 V to 5 V
No load, FORCEOFF and
FORCEON at VCC
0.3
1
mA
Powered off
No load, FORCEOFF at GND
1
10
µA
Automatic power-down enabled
No load, FORCEOFF at VCC,
FORCEON at GND,
All RIN are open or grounded
1
10
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
6.6 Electrical Characteristics – Driver
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
5.4
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
–5
–5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
μA
IIL
Low-level input current
VI at GND
±0.01
±1
μA
IOS
Short-circuit output current(2)
VCC = 3.6 V
VO = 0 V
±35
±60
mA
VCC = 5.5 V
VO = 0 V
±35
±60
rO
Output resistance
VCC, V+, and V– = 0 V
VO = ±2 V
300
10M
Ω
Ioff
Output leakage current
FORCEOFF = GND
VO = ±12 V,
VCC = 3 V to 3.6 V
±25
µA
VO = ±12 V,
VCC = 4.5 V to 5.5 V
±25
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
(3)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5
www.ti.com
MAX3221
SLLS348P – JUNE 1999 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: MAX3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com