Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221CPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221CPWR
Description  MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3221CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button MAX3221CPWR Datasheet HTML 9Page - Texas Instruments MAX3221CPWR Datasheet HTML 10Page - Texas Instruments MAX3221CPWR Datasheet HTML 11Page - Texas Instruments MAX3221CPWR Datasheet HTML 12Page - Texas Instruments MAX3221CPWR Datasheet HTML 13Page - Texas Instruments MAX3221CPWR Datasheet HTML 14Page - Texas Instruments MAX3221CPWR Datasheet HTML 15Page - Texas Instruments MAX3221CPWR Datasheet HTML 16Page - Texas Instruments MAX3221CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The MAX3221 line driver and receiver is a specialized device for 3-V to 5.5-V RS-232 communication
applications. This application is a generic implementation of this device with all required external components.
For proper operation, add capacitors as shown in Figure 9-1.
9.2 Typical Application
ROUT and DIN connect to UART or general purpose logic lines. FORCEON and FORCEOFF may be connected
general purpose logic lines or tied to ground or VCC. INVALID may be connected to a general purpose logic
line or left unconnected. RIN and DOUT lines connect to a RS232 connector or cable. DIN, FORCEON, and
FORCEOFF inputs must not be left unconnected.
CBYPASS = 0.1 µF
Auto-
powerdown
VCC
C1
C2, C3, and C4
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.1 µF
0.047 µF
0.1 µF
0.1 µF
0.33 µF
0.47 µF
VCC vs CAPACITOR VALUES
FORCEOFF
+
−
+
−
+
−
+
−
+
−
1
8
2
3
5
6
7
4
16
13
12
11
10
9
15
14
VCC
GND
C1+
V+
C2+
C1−
C2−
V−
DOUT
FORCEON
DIN
INVALID
ROUT
EN
RIN
C1
C2
C4
5 k
Ω
C3†
† C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown.
Figure 9-1. Typical Operating Circuit and Capacitor Values
www.ti.com
MAX3221
SLLS348P – JUNE 1999 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MAX3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com