Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221CPWR
Description  MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3221CPWR Datasheet(HTML) 1 Page - Texas Instruments

  MAX3221CPWR Datasheet HTML 1Page - Texas Instruments MAX3221CPWR Datasheet HTML 2Page - Texas Instruments MAX3221CPWR Datasheet HTML 3Page - Texas Instruments MAX3221CPWR Datasheet HTML 4Page - Texas Instruments MAX3221CPWR Datasheet HTML 5Page - Texas Instruments MAX3221CPWR Datasheet HTML 6Page - Texas Instruments MAX3221CPWR Datasheet HTML 7Page - Texas Instruments MAX3221CPWR Datasheet HTML 8Page - Texas Instruments MAX3221CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver
With ±15-kV ESD Protection
1 Features
• RS-232 Bus-pin ESD protection exceeds
±15 kV using human body model (HBM)
• Meets or exceeds the requirements of
TIA/EIA-232-F and ITU V.28 standards
• Operates with 3-V to 5.5-V VCC supply
• Operates up to 250 kbps
• One driver and one receiver
• Low standby current: 1 μA typical
• External capacitors: 4 × 0.1 μF
• Accepts 5-V logic input with 3.3-V supply
• Alternative high-speed pin-compatible
device (1 Mbps)
– SNx5C3221
• Automatic power-down feature automatically
disables drivers for power savings
2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment
3 Description
The MAX3221 device consists of one line driver, one
line receiver with dedicated enable pin, and a dual
charge-pump circuit with ±15-kV ESD protection pin
to pin (serial-port connection pins, including GND).
The device meets the requirements of TIA/EIA-232-
F and provides the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single
3-V to 5.5-V supply. These devices operate at data
signaling rates up to 250 kbps and a maximum of
30-V/μs driver output slew rate.
Flexible control options for power management
are available when the serial port is inactive.
The automatic power-down feature functions when
FORCEON is low and FORCEOFF is high. During
this mode of operation, if the device does not sense a
valid
RS-232 signal on the receiver input, the driver output
is disabled and the supply current is reduced to 1 μA.
The INVALID output notifies the user if an RS-232
signal is present at the receiver input.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
MAX3221
SSOP (DB) (32)
6.20 mm × 5.30 mm
TSSOP (PW) (32)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
spacer
RX
TX
POWER
APD
EN [RX]
DIN
ROUT
DOUT
RS232
RIN
RS232
1
1
1
1
FORCEON
FORCEOFF
STATUS
INVALID
3.3 V, 5 V
Simplified Diagram
MAX3221
SLLS348P – JUNE 1999 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MAX3221CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221CPWR TI-MAX3221CPWR Datasheet
230Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221CPWR TI-MAX3221CPWR Datasheet
392Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3221CPWR TI2-MAX3221CPWR Datasheet
1Mb / 27P
MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JULY 2021
MAX3221CPWR.A TI2-MAX3221CPWR.A Datasheet
1Mb / 27P
MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JULY 2021
MAX3221CPWRE4 TI-MAX3221CPWRE4 Datasheet
230Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results

Similar Description - MAX3221CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3243 TI-MAX3243_06 Datasheet
299Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD (HBM) PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3243 TI-MAX3243_09 Datasheet
489Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH - 15-kV ESD (HBM) PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3221E TI1-TRS3221E_17 Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com