Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221CPWR
Description  MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3221CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button MAX3221CPWR Datasheet HTML 8Page - Texas Instruments MAX3221CPWR Datasheet HTML 9Page - Texas Instruments MAX3221CPWR Datasheet HTML 10Page - Texas Instruments MAX3221CPWR Datasheet HTML 11Page - Texas Instruments MAX3221CPWR Datasheet HTML 12Page - Texas Instruments MAX3221CPWR Datasheet HTML 13Page - Texas Instruments MAX3221CPWR Datasheet HTML 14Page - Texas Instruments MAX3221CPWR Datasheet HTML 15Page - Texas Instruments MAX3221CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
8.4 Device Functional Modes
Table 8-1, Table 8-2, and Table 8-3 show the behavior of the driver, receiver, and INVALID(activelow) features
under all possible relevant combinations of inputs.
Table 8-1. Driver(1)
INPUTS
OUTPUT
DRIVER STATUS
DIN
FORCEON
FORCEOFF
VALID RIN RS-232
LEVEL
DOUT
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
automatic power down disabled
H
H
H
X
L
L
L
H
Yes
H
Normal operation with
automatic power down enabled
H
L
H
Yes
L
L
L
H
No
Z
Powered off by
automatic power down feature
H
L
H
No
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance, Yes = |RIN| > 2.7 V, No = |RIN| <0.3 V
Table 8-2. Receiver(1)
INPUTS
OUTPUT
RECEIVER STATUS
RIN
EN
VALID RIN RS-232
LEVEL
ROUT
X
H
X
Z
Output off
L
L
X
H
Normal operation
H
L
X
L
Open
L
No
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off
Table 8-3. INVALID (1)
INPUTS
OUTPUT
RIN
FORCEON
FORCEOFF
EN
INVALID
L
X
X
X
H
H
X
X
X
H
Open
X
X
X
L
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off
DIN
DOUT
Auto-powerdown
INVALID
RIN
FORCEOFF
FORCEON
ROUT
EN
11
16
9
13
10
8
1
12
Figure 8-1. Logic Diagram
MAX3221
SLLS348P – JUNE 1999 – REVISED JULY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MAX3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com