Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221CPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221CPWR
Description  MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3221CPWR Datasheet(HTML) 4 Page - Texas Instruments

  MAX3221CPWR Datasheet HTML 1Page - Texas Instruments MAX3221CPWR Datasheet HTML 2Page - Texas Instruments MAX3221CPWR Datasheet HTML 3Page - Texas Instruments MAX3221CPWR Datasheet HTML 4Page - Texas Instruments MAX3221CPWR Datasheet HTML 5Page - Texas Instruments MAX3221CPWR Datasheet HTML 6Page - Texas Instruments MAX3221CPWR Datasheet HTML 7Page - Texas Instruments MAX3221CPWR Datasheet HTML 8Page - Texas Instruments MAX3221CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC to GND
–0.3
6
V
V+ to GND
–0.3
7
V– to GND
0.3
–7
V+ + |V–|(2)
13
VI
Input voltage
DIN, EN, FORCEOFF , and FORCEON to GND
–0.3
6
V
RIN to GND
±25
VO
Output voltage
DOUT to GND
±13.2
V
ROUT to GND
–0.3
VCC + 0.3
TJ
Junction temperature(3)
150
°C
Tstg
Storage temperature range
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
V+ and V– can have maximum magnitudes of 7 V, but their absolute difference cannot exceed 13 V.
(3)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA) / RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001(1)
All pins except 8, 13
±3000
V
Pins 8, 13
±15,000
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(see Figure 9-1)(1)
MIN
NOM
MAX
UNIT
Supply voltage
VCC = 3.3 V
3
3.3
3.6
V
VCC = 5 V
4.5
5
5.5
VIH
Driver high-level input voltage
DIN, FORCEOFF,
FORCEON, EN
VCC = 3.3 V
2
V
VCC = 5 V
2.4
VIL
Driver low-level input voltage
DIN, FORCEOFF,
FORCEON, EN
0.8
V
VI
Driver input voltage
DIN, FORCEOFF,
FORCEON, EN
0
5.5
V
Receiver input voltage
–25
25
TA
Operating free-air temperature
MAX3221C
0
70
°C
MAX3221I
–40
85
(1)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
MAX3221
SLLS348P – JUNE 1999 – REVISED JULY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MAX3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com