Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 47 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 43Page - Texas Instruments CC1010-RTR1 Datasheet HTML 44Page - Texas Instruments CC1010-RTR1 Datasheet HTML 45Page - Texas Instruments CC1010-RTR1 Datasheet HTML 46Page - Texas Instruments CC1010-RTR1 Datasheet HTML 47Page - Texas Instruments CC1010-RTR1 Datasheet HTML 48Page - Texas Instruments CC1010-RTR1 Datasheet HTML 49Page - Texas Instruments CC1010-RTR1 Datasheet HTML 50Page - Texas Instruments CC1010-RTR1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 152 page
background image
CC1010
SWRS047
Page 47 of 152
16. 8051 Peripherals
CC1010 offers the following peripherals
units controlled by the 8051-compatible
core:
Four general-purpose I/O ports, with
26 I/O pins in total.
Two standard 8051 timers
Two timers with PWM functionality
Watchdog timer
Real-time clock
SPI master
Hardware DES encryption / decryption
Random bit generator
10-bit ADC
These modules are described in the
following sections.
16.1 General Purpose I/O
Four
general
purpose
I/O-ports
are
available: P0, P1, P2 and P3. Table 20
shows each port and the pins on each
port.
Each port is associated with two registers:
The port register (P0, P1, P2, or P3) and
the direction register (P0DIR, P1DIR,
P2DIR, or P3DIR).
Each bit in the Px registers has its
associated bit in the direction registers
PxDIR. Setting PxDIR.y will make Px.y
an input which can be read in Px(y). All
pins are inputs after reset. Clearing
PxDIR.y will make the pin Px.y output
the data from the register Px(y). All Px
and PxDIR register descriptions are
shown from page 49.
The structure for a single I/O-bit y on port
x is shown in Figure 7. Some ports have
alternate functions (such as the SPI
interface), which are enabled through
other registers (such as SPCR.SPE).
These alternate functions may or may not
override the direction setting from PxDIR
as shown.
When reading the Px registers, data is
read from the directly from the pin. When
using a read-modify-write instruction such
as
ANL Px, #0x01, the output register
value is read and modified regardless of
the setting in PxDIR.
Writing to the Px registers writes to the
output register, and sets the I/O pin state.
Using a read-modify-write operation reads
from the output register, modifies the value
according to the instruction executed and
writes the result back into the output
register, modifying the I/O pin state
accordingly.
In practice, this means that the mov
instruction should only be used when
writing to all the pins in the port. To modify
only a few pins, use a read-modify-write
instruction. Also, be careful of using
constructs in C or another high-level
language that result in a mov from the Px
registers, modify the result and write it
back (without using read-modify-write
instructions), as this will cause problems if
not all I/O pins in the port are configured
as outputs. In C, the |=, &= and ^=
operators should be used to set, clear and
toggle pins respectively.
The
CC1010 ports deviate from the
standard 8051-port in the following ways:
No pull-ups / pull-downs on pins
Dedicated direction bits in PxDIR
registers
CMOS output levels on all ports
All general-purpose I/O pins are rated to
sink or source 2 mA, except pin P2.3,
which is rated to sink or source 8 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com