Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 49Page - Texas Instruments CC1010-RTR1 Datasheet HTML 50Page - Texas Instruments CC1010-RTR1 Datasheet HTML 51Page - Texas Instruments CC1010-RTR1 Datasheet HTML 52Page - Texas Instruments CC1010-RTR1 Datasheet HTML 53Page - Texas Instruments CC1010-RTR1 Datasheet HTML 54Page - Texas Instruments CC1010-RTR1 Datasheet HTML 55Page - Texas Instruments CC1010-RTR1 Datasheet HTML 56Page - Texas Instruments CC1010-RTR1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
CC1010
SWRS047
Page 53 of 152
TMOD (0x89) - Timer / Counter 0 and 1 Mode register
Bit
Name
R/W
Reset value
Description
7
GATE1
R/W
0
Timer / Counter 1 gate control
0 : Timer / Counter 1 will clock only when
TCON.TR1 is set.
1 : Timer / Counter 1 will clock only when
TCON.TR1 is set
and the
INT0 input is high.
6
C/ T 1
R/W
0
Counter / Timer select for Counter / Timer 1
0 : Timer 1 is clocked by the system clock divided by 4 or 12,
depending on the state of
CKCON.T1M (see page 55)
1 : Timer 1 is clocked by the
T1 pin.
5
M1.1
R/W
0
4
M1.0
R/W
0
Timer / Counter 1 mode select bits
00 : 13-bit counter
01 : 16-bit counter
10 : 8-bit counter with auto-reload
11 : Timer 1 off
3
GATE0
R/W
0
Timer / Counter 0 gate control
0 : Timer / Counter 0 will clock only when
TCON.TR0 is set.
1 : Timer / Counter 0 will clock only when
TCON.TR0 is set
and the
INT0 input is high.
2
C/ T 0
R/W
0
Counter / Timer select for Counter / Timer 0
0 : Timer 0 is clocked by the system clock divided by 4 or 12,
depending on the state of
CKCON.T0M (see page 55)
1 : Timer 0 is clocked by the
T0 pin.
1
M0.1
R/W
0
0
M0.0
R/W
0
Timer / Counter 0 mode select bits
00 : 13-bit counter
01 : 16-bit counter
10 : 8-bit counter with auto-reload
11 : Two 8-bit counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com