Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 85 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 85 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 81Page - Texas Instruments CC1010-RTR1 Datasheet HTML 82Page - Texas Instruments CC1010-RTR1 Datasheet HTML 83Page - Texas Instruments CC1010-RTR1 Datasheet HTML 84Page - Texas Instruments CC1010-RTR1 Datasheet HTML 85Page - Texas Instruments CC1010-RTR1 Datasheet HTML 86Page - Texas Instruments CC1010-RTR1 Datasheet HTML 87Page - Texas Instruments CC1010-RTR1 Datasheet HTML 88Page - Texas Instruments CC1010-RTR1 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
CC1010
SWRS047
Page 85 of 152
17.3 RF Application Circuit
Very
few
external
components
are
required
for
operation
of
the
RF
transceiver. A typical application circuit is
shown in Figure 20. Component values are
shown in Table 28.
17.3.1
Input / output matching
C31/L32 is the input match for the
receiver, and L32 is also used as a DC
choke for biasing. C41, L41 and C42 are
used to match the transmitter to a 50-Ohm
load. An internal T/R switch circuit makes
it possible to connect the input and output
together and match the transceiver to 50
Ω in both RX and TX mode. See the Input
/ Output Matching section on page 126 for
details.
17.3.2
VCO inductor
The VCO is completely integrated except
for the inductor L101.
Component values for the matching
network and VCO inductor are easily
calculated using the SmartRF
®
Studio
software for any operation frequency.
17.3.3
Additional filtering
Additional external components (e.g. RF
LC or SAW-filter) may be used in order to
improve the performance in specific
applications. See also the Optional LC
Filter section on page 128 for further
information. If a SAW filter is used, it
should be included in the RX path only (an
external RX/TX switch should then be
used).
17.3.4
Voltage supply decoupling
Voltage supply filtering and de-coupling
capacitors must be used (not shown in the
application
circuit).
These
capacitors
should be placed as close as possible to
the voltage supply pins of
CC1010.
The placement and size of the decoupling
capacitors and power supply filtering are
very important to achieve the best
sensitivity and lowest possible LO leakage
and the reference layouts should be
followed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com