Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 70 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 66Page - Texas Instruments CC1010-RTR1 Datasheet HTML 67Page - Texas Instruments CC1010-RTR1 Datasheet HTML 68Page - Texas Instruments CC1010-RTR1 Datasheet HTML 69Page - Texas Instruments CC1010-RTR1 Datasheet HTML 70Page - Texas Instruments CC1010-RTR1 Datasheet HTML 71Page - Texas Instruments CC1010-RTR1 Datasheet HTML 72Page - Texas Instruments CC1010-RTR1 Datasheet HTML 73Page - Texas Instruments CC1010-RTR1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
CC1010
SWRS047
Page 70 of 152
received stop bit is stored in RB8_0 /
RB8_1) and the receive interrupt flag is
set. If not, the received data is lost and
RB8_0 / RB8_1 and the receive interrupt
flag remains unchanged.
16.7.3
MODE2
Mode 2 provides asynchronous full-duplex
communication using a total of 11 bits: 1
start bit, 8 data bits, a programmable 9th
bit and 1 stop bit. The data bits are
transmitted and received LSB first.
The mode 2 baud rate is either fsystem/32 or
fsystem/64,
set
by
PCON.SMOD0
(or
EICON.SMOD1). The baud rate is then:
system
f
Rate
Baud
=
64
2SMODx
To transmit data in mode 1, write data to
SBUF0 / SBUF1. Transmission is then
performed on pin TXD0 / TXD1 in the
following order: start bit, 8 data bits (LSB
first), 9th bit (from TB8_0 / TB8_1) and
then the stop bit. The transmit interrupt
flag TI_0 / TI_1 is set when the stop bit
is placed on the transmit pin.
Reception must be enabled by setting
REN_0 / REN_1. It is then initiated by the
falling edge of a start bit received on RXD0
/ RXD1. The input pin is sampled 16 times
per baud. Majority decision is made, as
with mode 1. When the majority decision is
made for the stop-bit, the following
conditions must be met:
RI_0 / RI_1 is 0
If SM2_0 / SM2_1 is set, the 9th bit
and the stop bit must be one.
If these conditions are met, the received
data is buffered in SBUF0 / SBUF1, the
received stop bit is stored in RB8_0 /
RB8_1 and the receive interrupt flag RI_0
/ RI_1 is set. If not, the received data is
lost and RB8 and the receive interrupt flag
remains unchanged.
16.7.4
MODE 3
Mode 3 provides asynchronous, full-
duplex communication, using a total of 11
bits (as with mode 2): 1 start bit, 8 data
bits, a programmable 9th bit and 1 stop bit.
The data bits are transmitted and received
LSB first.
Transmission and reception in mode 3 is
identical to mode 2, except for the baud
rate generation, which is identical to mode
1.
16.7.5
Multiprocessor Communications
The multiprocessor communication feature
is enabled in mode2 and mode 3, when
the SM2_0 / SM2_1 bit is set. The 9th bit
received is then stored in RB8_0 / RB8_1
and the interrupt bit is only set if this bit is
1.
An address byte can then be transmitted,
with the 9th bit set, to generate an
interrupt on all slaves. The slave(s) with
the correct address (decoded in software)
may then clear SM2_0 / SM2_1 to receive
the rest of the data, which is transmitted
with the 9th bit low. All other slaves will
then ignore the data received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com