Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 59 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 55Page - Texas Instruments CC1010-RTR1 Datasheet HTML 56Page - Texas Instruments CC1010-RTR1 Datasheet HTML 57Page - Texas Instruments CC1010-RTR1 Datasheet HTML 58Page - Texas Instruments CC1010-RTR1 Datasheet HTML 59Page - Texas Instruments CC1010-RTR1 Datasheet HTML 60Page - Texas Instruments CC1010-RTR1 Datasheet HTML 61Page - Texas Instruments CC1010-RTR1 Datasheet HTML 62Page - Texas Instruments CC1010-RTR1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 152 page
background image
CC1010
SWRS047
Page 59 of 152
16.3 Timer 2 / 3 with PWM
CC1010 also features two timers with pulse
width modulation (PWM) outputs. Each
timer
can
generate
interrupts,
as
described in the Interrupts section on page
28. The timers are individually set in one
of two modes, timer mode or PWM mode.
This is controlled through the bits M2 and
M3 in the TCON2 control register shown
below.
Timer 2 and Timer 3 are enabled
individually through the bits TCON2.TR2
and TCON2.TR3.
TCON2 (0xA9) - Timer Control register 2
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6
-
R0
0
Reserved, read as 0
5
-
R0
0
Reserved, read as 0
4
-
R0
0
Reserved, read as 0
3
TR3
R/W
0
Timer 3 run control
0 : Timer 3 is disabled. The Timer 3 counter is cleared.
1 : Timer 3 is enabled.
2
M3
R/W
0
Timer 3 mode control.
0 : Timer 3 is in timer mode.
1 : Timer 3 is in PWM mode.
P3.5 is set to be an output,
overriding
P3DIR(5)
1
TR2
R/W
0
Timer 2 run control
0 : Timer 2 is disabled. The Timer 2 counter is cleared.
1 : Timer 2 is enabled.
0
M2
R/W
0
Timer 2 mode control.
0 : Timer 2 is in timer mode.
1 : Timer 2 is in PWM mode.
P3.4 is set to be an output,
overriding
P3DIR(4)
16.3.1
Timer Mode
Timer 2 / Timer 3 can be set in Timer
Mode by clearing the bit TCON2.M2 /
TCON2.M3. Timer Mode operation is
illustrated in Figure 11. The 16 bit counter
is preloaded with T2 and T2PRE (or T3
and T3PRE) as shown. When disabling the
timer through clearing TCON2.TR2 (or
TCON2.TR3)
the
counter
is
also
preloaded. The counter value cannot be
read by software.
When the counter underflows (decrements
from a zero value), it is loaded with the
contents of T2 / T3 and T2PRE / T3PRE,
and the interrupt request bit EXIF.TF2 /
EXIF.TF3 is set by hardware. The
interrupt request must be cleared by
software.
In Timer mode, interrupts are generated
with an interval as given by TnINT , where
n
⊆{2,3} :
(
)
system
nInt
f
T
1
256
255
+
+
=
Tn
TnPRE
As long as TnPRE and Tn are set before
TCON.TRn, the first interrupt is generated
TnINT after enabling the timer and then with
TnINT intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com