Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 49 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 45Page - Texas Instruments CC1010-RTR1 Datasheet HTML 46Page - Texas Instruments CC1010-RTR1 Datasheet HTML 47Page - Texas Instruments CC1010-RTR1 Datasheet HTML 48Page - Texas Instruments CC1010-RTR1 Datasheet HTML 49Page - Texas Instruments CC1010-RTR1 Datasheet HTML 50Page - Texas Instruments CC1010-RTR1 Datasheet HTML 51Page - Texas Instruments CC1010-RTR1 Datasheet HTML 52Page - Texas Instruments CC1010-RTR1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
CC1010
SWRS047
Page 49 of 152
Figure 7. Port x bit y structure
P0 (0x80) - Port 0 Data Register
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6
-
R0
0
Reserved, read as 0
5
-
R0
0
Reserved, read as 0
4
-
R0
0
Reserved, read as 0
3
P0_3
R/W
1
2
P0_2
R/W
1
1
P0_1
R/W
1
0
P0_0
R/W
1
Data of port 0, bits 0 to 3.
P1 (0x90) - Port 1 Data Register
Bit
Name
R/W
Reset value
Description
7
P1_7
R/W
1
6
P1_6
R/W
1
5
P1_5
R/W
1
4
P1_4
R/W
1
3
P1_3
R/W
1
2
P1_2
R/W
1
1
P1_1
R/W
1
0
P1_0
R/W
1
Data of port 1, bits 0 to 7.
Alternate function enable
Alternate function static
direction or PxDIR.y
Alternate data
Read output register enable
PxDIR.y
DQ
Internal Data Bus
Read Pin Enable
S
1
0
S
1
0
Px.y PAD
Output register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com