Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 24 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 20Page - Texas Instruments CC1010-RTR1 Datasheet HTML 21Page - Texas Instruments CC1010-RTR1 Datasheet HTML 22Page - Texas Instruments CC1010-RTR1 Datasheet HTML 23Page - Texas Instruments CC1010-RTR1 Datasheet HTML 24Page - Texas Instruments CC1010-RTR1 Datasheet HTML 25Page - Texas Instruments CC1010-RTR1 Datasheet HTML 26Page - Texas Instruments CC1010-RTR1 Datasheet HTML 27Page - Texas Instruments CC1010-RTR1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 152 page
background image
CC1010
SWRS047
Page 24 of 152
SP (0x81) - Stack Pointer
Bit
Name
R/W
Reset value
Description
7:0
SP(7:0)
R/W
0x07
Stack Pointer, used for pushing and poping data
to and from the stack. Note that the reset value
for
SP is 0x07
15.5 Instruction Set Summary
The 8051 instruction set is summarised in
Table 12 below. All mnemonics are
Copyright
© Intel Corporation 1980.
One non-standard 8051 instruction, TRAP,
with opcode 0xA5 is included to enable
setting of breakpoints. This instruction is
described in the In Circuit Debugging
section at page 44. Symbols used in the
table are:
A - Accumulator
AB - Register pair A and B
B - Multiplication register
C - Carry flag
DPTR - Data pointer
Rn - Register R0 - R7
PC - Program counter
direct - 8-bit data address (Internal
RAM 0x00 - 0x7F, SFRs 0x80-0xFF)
@Ri - Internal register pointed to by R0
or R1 (except MOVX)
rel - Two's complement offset byte
used by SJMP and conditional jumps
bit - Direct bit address
#data - 8-bit constant
#data 16 - 16-bit constant
addr 16 - 16-bit destination address
addr 11 - 11-bit destination address,
used by ACALL and AJMP. The branch
will be within the same 2 kB block of
program memory of the first byte of
the following instruction.
The ‘Bytes’ column shows the number of
bytes of Flash memory used. Further, the
number of instruction cycles is shown.
Each instruction cycle requires four clock
cycles. The 4 rightmost columns shows
which flags in the program status word
PSW (see page 23) are affected by the
instructions.
Mnemonic
Description
Arithmetic
ADD A, Rn
Add register to A
1
1
28-2F
x
x
x
x
ADD A, direct
Add direct byte to A
2
2
25
x
x
x
x
ADD A, @Ri
Add data memory to A
1
1
26-27
x
x
x
x
ADD A, #data
Add immediate to A
2
2
24
x
x
x
x
ADDC A, Rn
Add register to A with carry
1
1
38-3F
x
x
x
x
ADDC A, direct
Add direct byte to A with carry
2
2
35
x
x
x
x
ADDC A, @Ri
Add data memory to A with carry
1
1
36-37
x
x
x
x
ADDC A, #data
Add immediate to A with carry
2
2
34
x
x
x
x
SUBB A, Rn
Subtract register from A with
borrow
1
1
98-9F
x
x
x
x
SUBB A, direct
Subtract direct byte from A with
borrow
2
2
95
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com