Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010-RTR1 Datasheet(PDF) 104 Page - Texas Instruments

Part # CC1010-RTR1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTR1 Datasheet(HTML) 104 Page - Texas Instruments

Back Button CC1010-RTR1 Datasheet HTML 100Page - Texas Instruments CC1010-RTR1 Datasheet HTML 101Page - Texas Instruments CC1010-RTR1 Datasheet HTML 102Page - Texas Instruments CC1010-RTR1 Datasheet HTML 103Page - Texas Instruments CC1010-RTR1 Datasheet HTML 104Page - Texas Instruments CC1010-RTR1 Datasheet HTML 105Page - Texas Instruments CC1010-RTR1 Datasheet HTML 106Page - Texas Instruments CC1010-RTR1 Datasheet HTML 107Page - Texas Instruments CC1010-RTR1 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 152 page
background image
CC1010
SWRS047
Page 104 of 152
threshold for determining what constitutes
a Manchester coding violation can be
configured
in
RFCON.MLIMIT.
RFCON.MVIOL is set when, in bitmode,
the currently available bit in RFBUF.0 was
determined to violate Manchester coding,
or in bytemode, when one or more of the
bits in the byte currently available in
RFBUF were determined to violate the
Manchester coding. This can be used, for
example, to detect start of frame and end
of frame delimiter bytes.
Note that even if RFCON.MVIOL is set
when receiving data, RFBUF will still be set
to the "best guess" data received. In
applications
where
no
Manchester
violations are transmitted, it is therefore
advisable to ignore RFCON.MVIOL at
reception.
In order to be able to send Manchester
violations, MODEM0.DATA_FORMAT must
be changed to NRZ mode for the byte in
question. When in NRZ mode, two bytes
must be sent for each Manchester-coded
byte. A flagrant violation of Manchester
coding could be, for example, the two-byte
sequence
"11001100"-"00110011".
In
order
to
provide
this
functionality,
MODEM0.DATA_FORMAT is buffered in
much the same way as data so that the
change does not take effect until the
following byte.
During transmission, the desired data
format should be updated in connection
with writing new data to RFBUF. The byte
currently being transmitted from the shift
register will not be affected. It is then
possible to have a NRZ preamble pattern
with Manchester data following. This is
illustrated in Figure 30.
NRZ Preamble
0
0
1
1
0
1
0
1
0
1
0
Byte sync
1
0
1
0
1
0
0
1
Data
Preamble
Bit value
Manchester data
Figure 30. Switching data mode after preamble
Changing the desired data mode during
reception
of
NRZ
preamble
and
Manchester data is straightforward. A new
value of MODEM0.DATA_FORMAT does not
take effect before an RF interrupt request
is generated. After having started a
reception using preamble detection/byte
synchronization and the NRZ data mode,
the DATA_FORMAT should be set to
Manchester.
The
whole
preamble
detection process will then work with NRZ
data and the new DATA_FORMAT will not
take
effect
until
a
valid
(NRZ)
synchronization byte is found and an
interrupt request generated.
It is not recommended to change the data
format during reception for new protocols,
but the functionality is included for
compatibility with existing protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com