Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 28Page - Texas Instruments TMS320F Datasheet HTML 29Page - Texas Instruments TMS320F Datasheet HTML 30Page - Texas Instruments TMS320F Datasheet HTML 31Page - Texas Instruments TMS320F Datasheet HTML 32Page - Texas Instruments TMS320F Datasheet HTML 33Page - Texas Instruments TMS320F Datasheet HTML 34Page - Texas Instruments TMS320F Datasheet HTML 35Page - Texas Instruments TMS320F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 389 page
background image
Central Processing Unit
2-9
Architectural Overview
2.4.3
Multiplier
The on-chip multiplier performs 16-bit
× 16-bit 2s-complement multiplication
with a 32-bit result. In conjunction with the multiplier, the ’C24x uses the 16-bit
temporary register (TREG) and the 32-bit product register (PREG); TREG al-
ways supplies one of the values to be multiplied, and PREG receives the result
of each multiplication.
Using the multiplier, TREG, and PREG, the ’C24x efficiently performs funda-
mental DSP operations such as convolution, correlation, and filtering. The ef-
fective execution time of each multiplication instruction can be as short as one
CPU cycle.
2.4.4
Auxiliary Register Arithmetic Unit (ARAU) and Auxiliary Registers
The ARAU generates data memory addresses when an instruction uses indi-
rect addressing (see Chapter 6,
Addressing Modes) to access data memory.
The ARAU is supported by eight auxiliary registers (AR0 through AR7), each
of which can be loaded with a 16-bit value from data memory or directly from
an instruction word. Each auxiliary register value can also be stored in data
memory. The auxiliary registers are referenced by a 3-bit auxiliary register
pointer (ARP) embedded in status register ST0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com