Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 25Page - Texas Instruments TMS320F Datasheet HTML 26Page - Texas Instruments TMS320F Datasheet HTML 27Page - Texas Instruments TMS320F Datasheet HTML 28Page - Texas Instruments TMS320F Datasheet HTML 29Page - Texas Instruments TMS320F Datasheet HTML 30Page - Texas Instruments TMS320F Datasheet HTML 31Page - Texas Instruments TMS320F Datasheet HTML 32Page - Texas Instruments TMS320F Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 389 page
background image
Memory
2-6
2.3.2
Flash EEPROM
Flash EEPROM provides an attractive alternative to masked program ROM.
Like ROM, flash is a nonvolatile memory type; however, it has the advantage
of
in-target reprogrammability. The ’F24x incorporates one 16K/8K
× 16-bit
flash EEPROM module in program space. This type of memory expands the
capabilities of the ’F24x in the areas of prototyping, early field testing, and
single-chip applications.
Unlike most discrete flash memory, the ’F24x flash does not require a dedi-
cated state machine because the algorithms for programming and erasing the
flash are executed by the DSP core. This enables several advantages, includ-
ing reduced chip size and sophisticated adaptive algorithms. For production
programming, the IEEE Standard 1149.1 (JTAG) scan port provides easy ac-
cess to on-chip RAM for downloading the algorithms and flash code. Other key
features of the flash include zero-wait-state access rate and single 5-V power
supply.
An erased bit in the ’24x flash is read as a logic one, and a programmed bit is
read as a logic zero. The flash requires a block-erase of the entire 16K/8K
module; however, any combination of bits can be programmed. The following
four algorithms are required for flash operations: clear, erase, flash-write, and
program. For an explanation of these algorithms and a complete description
of the flash EEPROM, see
TMS320F20x/F24x DSPs Embedded Flash
Memory Technical Reference (Literature number SPRU282).
2.3.3
Flash Serial Loader
Most of the on-chip flash devices are shipped with a serial bootloader code
programmed at the following addresses: 0x0000 – 0x00FFh. All other flash ad-
dresses are in an erased state. The serial bootloader can be used to program
the on-chip flash memory with user’s code. During the flash programming se-
quence, the on-chip data RAM is used to load and execute the clear, erase,
and program algorithms.
2.3.4
Factory-Masked ROM
For large-volume applications consisting of stable software free of bugs, low-
cost, masked ROM is available and supported up to 16K or 4K words. If you
want a custom ROM, you can provide the code or data to be programmed into
the ROM in object-file format, and Texas Instruments will generate the ap-
propriate process mask to program the ROM. For details, see Appendix B,
Submitting ROM Codes to TI.
A small portion of the ROM (128 or 64 words) is reserved by Texas Instruments
for test purposes. These reserved locations are at addresses 0x3F80 or 3FC0
through 0x3FFF. This leaves about 16K words available for your code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com