| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 389 page ![]() Pipeline Operation 5-7 Program Control 5.2 Pipeline Operation Instruction pipelining consists of a sequence of bus operations that occur dur- ing the execution of an instruction. The ’C24x pipeline has four independent stages: instruction-fetch, instruction-decode, operand-fetch, and instruction- execute. Because the four stages are independent, these operations can overlap. During any given cycle, one to four different instructions can be active, each at a different stage of completion. Figure 5–4 shows the operation of the 4-level-deep pipeline for single-word, single-cycle instructions executing with no wait states. The pipeline is essentially invisible to you, except in the following cases: - A single-word, single-cycle instruction immediately following a modifica- tion of the global-memory allocation register (GREG) uses the previous global map. - The NORM instruction modifies the auxiliary register pointer (ARP) and uses the current auxiliary register (the one pointed to by the ARP) during the execute phase of the pipeline. If the next two instruction words change the values in the current auxiliary register or the ARP, they will do so during the instruction decode phase of the pipeline (before the execution of NORM). This would cause NORM to use the wrong auxiliary register value and the following instructions to use the wrong ARP value. Figure 5–4. Four-Level Pipeline Operation N – 2 N – 3 N – 2 N – 1 N – 1 N N N + 1 N + 1 N + 2 N N – 1 N + 3 N + 2 N + 1 N Execute Operand Decode Fetch CLKOUT1 The CPU is implemented using 2-phase static logic. The 2-phase operation of the ’C24x CPU consists of a master phase in which all commutation logic is executed, and a slave phase in which results are latched. Therefore, sequential operations require sequential master cycles. Although sequential operations require a deeper pipeline, 2-phase operation provides more time for the computational logic to execute. This allows the ’C24x to run at faster clock rates, despite having a deeper pipeline that imposes a penalty on branches and subroutine calls. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |