Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DB40WMY Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29LV320DB40WMY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB40WMY Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29LV320DB40WMY Datasheet HTML 16Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 17Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 18Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 19Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 20Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 21Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 22Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 23Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
18
Am29LV320D
December 14, 2005
DA TA SH EET
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting certain boot sectors without
using V
ID. This function is one of two provided by the
WP#/ACC pin.
If the system asserts V
IL on the WP#/ACC pin, the de-
vice disables program and erase functions in the two
“outermost” 8 Kbyte boot sectors independently of
whether those sectors were protected or unprotected
using the method described in “Sector/Sector Block
Protection and Unprotection” on page 17. The two out-
ermost 8 Kbyte boot sectors are the two sectors con-
taining
the
lo w e st
addre sses
in
a
bottom-boot-configured device, or the two sectors con-
taining the highest addresses in a top-boot-configured
device.
If the system asserts V
IH on the WP#/ACC pin, the de-
vice reverts to whether the two outermost 8K Byte
boot sectors were last set to be protected or unpro-
tected. That is, sector protection or unprotection for
these two sectors depends on whether they were last
protected or unprotected using the method described
in “Sector/Sector Block Protection and Unprotection”
on page 17.
Note that the WP#/ACC pin must not be left floating or
unconnected; inconsistent behavior of the device may
result.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RE-
SET# pin to VID (11.5 V – 12.5 V). During this mode,
formerly protected sectors can be programmed or
erased by selecting the sector addresses. Once V
ID is
removed from the RESET# pin, all the previously pro-
tected sectors are protected again. Figure 1, on page
18 shows the algorithm, and Figure 23, on page 46
shows the timing diagrams, for this feature.
Figure 1.
Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sectors unprotected (If WP#/ACC = V
IL,
outermost boot sectors remain protected).
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com