Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DB40WMY Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29LV320DB40WMY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB40WMY Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29LV320DB40WMY Datasheet HTML 20Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 21Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 22Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 23Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 24Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 25Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 26Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 27Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
22
Am29LV320D
December 14, 2005
DA TA SH EET
Table 9.
CFI Query Identification String
Table 10.
System Interface String
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
1Bh
36h
0027h
V
CC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
38h
0036h
V
CC Max. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Dh
3Ah
0000h
V
PP Min. voltage (00h = no VPP pin present)
1Eh
3Ch
0000h
V
PP Max. voltage (00h = no VPP pin present)
1Fh
3Eh
0004h
Typical timeout per single byte/word write 2
N µs
20h
40h
0000h
Typical timeout for Min. size buffer write 2
N µs (00h = not supported)
21h
42h
000Ah
Typical timeout per individual block erase 2
N ms
22h
44h
0000h
Typical timeout for full chip erase 2
N ms (00h = not supported)
23h
46h
0005h
Max. timeout for byte/word write 2
N times typical
24h
48h
0000h
Max. timeout for buffer write 2
N times typical
25h
4Ah
0004h
Max. timeout per individual block erase 2
N times typical
26h
4Ch
0000h
Max. timeout for full chip erase 2
N times typical (00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com