Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DB40WMY Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29LV320DB40WMY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB40WMY Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29LV320DB40WMY Datasheet HTML 19Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 20Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 21Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 22Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 23Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 24Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 25Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 26Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
December 14, 2005
Am29LV320D
21
DA TA SH EET
Figure 3.
Secured Silicon Sector Protect Verify
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadver tent writes (refer to Table 14 on
page 29 for command definitions). In addition, the fol-
lowing hardware data protection measures prevent ac-
cidental erasure or programming, which might
otherwise be caused by spurious system level signals
during V
CC power-up and power-down transitions, or
from system noise.
Low VCC Write Inhibit
When V
CC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during V
CC
power-up and power-down. The command register
and all internal program/erase circuits are disabled,
and the device resets to the read mode. Subsequent
writes are ignored until V
CC is greater than VLKO. The
system must provide the proper signals to the control
pins to prevent unintentional writes when V
CC is
greater than V
LKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE#
or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# =
V
IL, CE# = VIH or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero while OE# is a
logical one.
Power-Up Write Inhibit
If WE# = CE# = V
IL and OE# = VIH during power up,
the device does not accept commands on the rising
edge of WE#. The internal state machine is automati-
cally reset to the read mode on power-up.
COMMON FLASH MEMORY INTERFACE
(CFI)
The Common Flash Interface (CFI) specification out-
lines device and host system software interrogation
handshake, which allows specific vendor-specified
software algorithms to be used for entire families of
devices. Software support can then be device-inde-
pendent, JEDEC ID-independent, and forward- and
backward-compatible for the specified flash device
families. Flash vendors can standardize their existing
interfaces for long-term compatibility.
This device enters the CFI Query mode when the sys-
tem writes the CFI Query command, 98h, to address
55h in word mode (or address AAh in byte mode), any
time the device is ready to read array data. The sys-
tem can read CFI information at the addresses given
in Table 9 on page 22 through Table 12 on page 24. To
terminate reading CFI data, the system must write the
reset command.
The system can also write the CFI query command
when the device is in the autoselect mode. The device
enters the CFI query mode, and the system can read
CFI data at the addresses given in Table 9 on page 22
through Table 12 on page 24. The system must write
the reset command to return the device to the reading
array data.
For further information, please refer to the CFI Specifi-
cation, CFI Publication 100, and the application note
“Common Flash Interface Version 1.4 Vendor Specific
Extensions”. Contact an AMD representative for cop-
ies of these documents.
Write 60h to
any address
Write 40h to SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
START
RESET# =
VIH or VID
Wait 1
μs
Read from SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
If data = 00h,
SecSi Sector is
unprotected.
If data = 01h,
SecSi Sector is
protected.
Remove VIH or VID
from RESET#
Write reset
command
SecSi Sector
Protect Verify
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com