Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DB40WMY Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29LV320DB40WMY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB40WMY Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29LV320DB40WMY Datasheet HTML 21Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 22Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 23Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 24Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 25Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 26Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 27Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 28Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
December 14, 2005
Am29LV320D
23
DA TA SH EET
Table 11.
Device Geometry Definition
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
27h
4Eh
0016h
Device Size = 2
N byte
28h
29h
50h
52h
0002h
0000h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
54h
56h
0000h
0000h
Max. number of bytes in multi-byte write = 2
N
(00h = not supported)
2Ch
58h
0002h
Number of Erase Block Regions within device
2Dh
2Eh
2Fh
30h
5Ah
5Ch
5Eh
60h
0007h
0000h
0020h
0000h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
62h
64h
66h
68h
003Eh
0000h
0000h
0001h
Erase Block Region 2 Information
35h
36h
37h
38h
6Ah
6Ch
6Eh
70h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0000h
0000h
0000h
0000h
Erase Block Region 4 Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com