Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DB40WMY Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM29LV320DB40WMY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB40WMY Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM29LV320DB40WMY Datasheet HTML 34Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 35Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 36Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 37Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 38Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 39Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 40Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 41Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
36
Am29LV320D
December 14, 2005
DA TA SH EET
DC CHARACTERISTICS
Zero-Power Flash
Note: Addresses are switching at 1 MHz
Figure 10.
I
CC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
25
20
15
10
5
0
0
500
1000
1500
2000
2500
3000
3500
4000
Time in ns
10
8
2
0
1
234
5
Frequency in MHz
Note: T = 25
°C
Figure 11.
Typical I
CC1 vs. Frequency
2.7 V
3.6 V
4
6
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com