Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DB40WMY Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29LV320DB40WMY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB40WMY Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29LV320DB40WMY Datasheet HTML 8Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 9Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 10Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 11Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 12Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 13Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 14Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 15Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
10
Am29LV320D
December 14, 2005
DA TA SH EET
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the in-
puts and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Am29LV320D Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 11.5–12.5 V, X = Don’t Care, SA = Sector Address,
A
IN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A20:A0 in word mode (BYTE# = V
IH), A20:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See “Sector/Sector
Block Protection and Unprotection” on page 17.
3. If WP#/ACC = V
IL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector protection
depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block Protection and
Unprotection” on page 17. If WP#/ACC = V
HH, all sectors are unprotected.
4. D
IN or DOUT as required by command sequence, data polling, or sector protection algorithm.
Operation
CE#
OE#
WE#
RESET#
WP#/ACC
Addresses
(Note 2)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= V
IH
BYTE#
= V
IL
Read
L
L
H
H
L/H
A
IN
D
OUT
D
OUT
DQ8–DQ14
= High-Z,
DQ15 = A-1
Write
L
H
L
H
(Note 3)
A
IN
(Note 4) (Note 4)
Accelerated Program
L
H
L
H
V
HH
A
IN
(Note 4) (Note 4)
Standby
V
CC ±
0.3 V
XX
V
CC ±
0.3 V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
V
ID
L/H
SA, A6 = L,
A1 = H, A0 = L
(Note 4)
X
X
Sector Unprotect
(Note 2)
LH
L
V
ID
(Note 3)
SA, A6 = H,
A1 = H, A0 = L
(Note 4)
X
X
Temporary Sector
Unprotect
XX
X
V
ID
(Note 3)
A
IN
(Note 4) (Note 4)
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com