Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DB40WMY Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29LV320DB40WMY
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB40WMY Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29LV320DB40WMY Datasheet HTML 18Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 19Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 20Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 21Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 22Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 23Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 24Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 25Page - Advanced Micro Devices AM29LV320DB40WMY Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
20
Am29LV320D
December 14, 2005
DA TA SH EET
Secured Silicon Sector Flash Memory
Region
The Secured Silicon sector provides a Flash memory
region that enables permanent par t identification
through an Electronic Serial Number (ESN). The Se-
cured Silicon sector uses a Secured Silicon Indicator
Bit (DQ7) to indicate whether or not the Secured Sili-
con sector is locked when shipped from the factory.
This bit is permanently set at the factory and cannot
be changed, which prevents cloning of a factory locked
part. This ensures the security of the ESN once the
pr oduct is shipped to the field. No te th at th e
Am29LV320D has a Secured Silicon sector size of
64 Kbytes. AMD devices designated as replace-
ments or substitutes, such as the Am29LV320M,
have 256 bytes. This should be considered during
system design.
AMD offers the device with the Secured Silicon sector
either factory locked or customer lockable. The fac-
tory-locked version is always protected when shipped
from the factory, and has the Secured Silicon sector
Indicator Bit per manently set to a “1.” The cus-
tomer-lockable version is shipped with the Secured
Silicon sector unprotected, allowing customers to uti-
lize the that sector in any manner they choose. The
customer-lockable version has the Secured Silicon In-
dicator Bit permanently set to a “0.” Thus, the Secured
Silicon Indicator Bit prevents customer-lockable de-
vices from being used to replace devices that are fac-
tory locked.
The system accesses the Secured Silicon sector
through a command sequence (see “Enter Secured
Silicon Sector/ E xit Se cured Silicon Sector
Command Sequence” on page 25). After the system
writes the Enter Secured Silicon sector command se-
quence, it may read the Secured Silicon Sector by
using the addresses normally occupied by the boot
sectors. This mode of operation continues until the
system issues the Exit Secured Silicon Sector com-
mand sequence, or until power is removed from the
device. On power-up, or following a hardware reset,
the device reverts to sending commands to the boot
sectors.
Factory Locked: Secured Silicon Sector
Programmed and Protected at the Factory
In a factory locked device, the Secured Silicon Sector
is protected when the device is shipped from the fac-
tory. The Secured Silicon Sector cannot be modified in
any way. The device is available preprogrammed with
one of the following:
■ A random, secure ESN only
■ Customer code through the ExpressFlash service
■ Both a random, secure ESN and customer code
through the ExpressFlash service.
In devices that have an ESN, a Bottom Boot device
has the 16-byte (8-word) ESN in sector 0 at addresses
00000h–0000Fh in byte mode (or 00000h–00007h in
word mode). In the Top Boot device the ESN is in sec-
tor 63 at addresses 3F0000h–3F000Fh in byte mode
(or 1F8000h–1F8007h in word mode). Note that in up-
coming top boot versions of this device, the ESN is lo-
cated in sector 70 at addresses 3FE000h–3FE00Fh in
byte mode (or 1FF000h–1FF007h in word mode).
Customers may opt to have their code programmed by
AMD through the AMD ExpressFlash service. AMD
programs the customer’s code, with or without the ran-
dom ESN. The devices are then shipped from AMD’s
factory with the Secured Silicon Sector permanently
locked. Contact an AMD representative for details on
using AMD’s ExpressFlash service.
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected at the Factory
The customer lockable version allows the Secured Sil-
icon Sector to be programmed once and then perma-
nently locked after it ships from AMD. Note that the
Am29LV320D has a Secured Silicon Sector size of
64 Kbytes. AMD devices designated as replace-
ments or substitutes, such as the Am29LV320M,
have 256 bytes. This should be considered during
system design. Additionally, note the change in
the location of the ESN in upcoming top boot fac-
tory locked devices. Note that the accelerated pro-
gramming (ACC) and unlock bypass functions are not
available when programming the Secured Silicon Sec-
tor.
The Secured Silicon Sector area can be protected
using the following procedures:
■ Write the three-cycle Enter Secured Silicon Sector
command sequence, and then follow the in-system
sector protect algorithm as shown in Figure 2, on
page 19, except that RESET# may be at either VIH
or V
ID. This allows in-system protection of the Se-
cured Silicon Sector without raising any device pin
to a high voltage. Note that this method is only ap-
plicable to the Secured Silicon Sector.
■ To verify the protect/unprotect status of the Secured
Silicon Sector, follow the algorithm shown in Figure
3, on page 21.
Once the Secured Silicon Sector is locked and veri-
fied, the system must write the Exit Secured Silicon
Sector command sequence to return to reading and
writing the remainder of the array.
The Secured Silicon Sector protection must be used
with caution since, once protected, there is no proce-
dure available for unprotecting the Secured Silicon
Sector area and none of the bits in the Secured Silicon
Sector memory space can be modified in any way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com