| Electronic Components Datasheet Search |
|
IMX7DCEC Datasheet(PDF) 115 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC Datasheet(HTML) 115 Page - NXP Semiconductors |
|
115 / 161 page ![]() Electrical characteristics i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 115 4.10.14.2.1 UART transmitter Figure 83 depicts the transmit timing of UART in the RS-232 Serial mode, with 8 data bit/1 stop bit format. Table 89 lists the UART RS-232 Serial mode transmit timing characteristics. Figure 83. UART RS-232 Serial mode transmit timing diagram 4.10.14.2.2 UART receiver Figure 84 depicts the RS-232 Serial mode receive timing with 8 data bit/1 stop bit format. Table 90 lists Serial mode receive timing characteristics. Figure 84. UART RS-232 Serial mode receive timing diagram 4.10.15 USB HSIC timing This section describes the electrical information of the USB HSIC port. Table 89. RS-232 Serial mode transmit timing parameters ID Parameter Symbol Min Max Unit UA1 Transmit Bit Time tTbit 1/Fbaud_rate1 - Tref_clk2 1 Fbaud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16. 2 Tref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider). 1/Fbaud_rate + Tref_clk — Table 90. RS-232 Serial mode receive timing parameters ID Parameter Symbol Min Max Unit UA2 Receive Bit Time1 1 The UART receiver can tolerate 1/(16 x Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must not exceed 3/(16 x Fbaud_rate). tRbit 1/Fbaud_rate2 - 1/(16 x Fbaud_rate) 2 Fbaud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16. 1/Fbaud_rate + 1/(16 x Fbaud_rate) — Start Bit Bit 1 Bit 2 Bit 0 Bit 4 Bit 5 Bit 6 Bit 7 UARTx_TX_DATA (output) Bit 3 STOP BIT Next Start Bit Possible Parity Bit Par Bit UA1 UA1 UA1 UA1 Bit 1 Bit 2 Bit 0 Bit 4 Bit 5 Bit 6 Bit 7 UARTx_RX_DATA (output) Bit 3 Start Bit STOP BIT Next Start Bit Possible Parity Bit Par Bit UA2 UA2 UA2 UA2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |