Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7DCEC Datasheet(PDF) 117 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 113Page - NXP Semiconductors IMX7DCEC Datasheet HTML 114Page - NXP Semiconductors IMX7DCEC Datasheet HTML 115Page - NXP Semiconductors IMX7DCEC Datasheet HTML 116Page - NXP Semiconductors IMX7DCEC Datasheet HTML 117Page - NXP Semiconductors IMX7DCEC Datasheet HTML 118Page - NXP Semiconductors IMX7DCEC Datasheet HTML 119Page - NXP Semiconductors IMX7DCEC Datasheet HTML 120Page - NXP Semiconductors IMX7DCEC Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
117
4.10.16 USB PHY parameters
This section describes the USB-OTG PHY parameters.
The USB PHY meets the electrical compliance requirements defined in the Universal Serial Bus Revision
2.0 OTG, USB Host with the amendments below (On-The-Go and Embedded Host Supplement to the USB
Revision 2.0 Specification is not applicable to Host port):
• USB ENGINEERING CHANGE NOTICE
— Title: 5V Short Circuit Withstand Requirement Change
— Applies to: Universal Serial Bus Specification, Revision 2.0
• Errata for USB Revision 2.0 April 27, 2000 as of 12/7/2000
• USB ENGINEERING CHANGE NOTICE
— Title: Pull-up/Pull-down resistors
— Applies to: Universal Serial Bus Specification, Revision 2.0
• USB ENGINEERING CHANGE NOTICE
— Title: Suspend Current Limit Changes
— Applies to: Universal Serial Bus Specification, Revision 2.0
• USB ENGINEERING CHANGE NOTICE
— Title: USB 2.0 Phase Locked SOFs
— Applies to: Universal Serial Bus Specification, Revision 2.0
• On-The-Go and Embedded Host Supplement to the USB Revision 2.0 Specification
— Revision 2.0, version 1.1a, July 27, 2010
• Battery Charging Specification (available from USB-IF)
— Revision 1.2, December 7, 2010
4.10.16.1 USB_OTG*_REXT reference resistor connection
The bias generation and impedance calibration process for the USB OTG PHYs requires connection of
reference resistors 200  1% precision on each of USB_OTG1_REXT and USB_OTG2_REXT pads to
ground.
4.10.16.2 USB_OTG_CHD_B USB battery charger detection external pullup
resistor connection
The usage and external resistor connection for the USB_OTG_CHD_B pin are described in Table 3,
Table 7, and Section 4.7.3, “USB battery charger detection driver impedance.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com